Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 90Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 91Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 92Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 93Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 94Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 95Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 96Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 97Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
70 Signal Descriptions (Continued)
Transmission Status
Symbol
Pin
IO
Description
TXED
31
O
Transmitted Ending Delimiter
Indicates that the Transmitter completed transmission of the current
or previous PDU TXED is asserted when the current PHY Request byte is a transmitted (not
repeated) Ending Delimiter It remains asserted until the beginning of either the next transmitted (not
repeated) PDU or the next Service Opportunity TXED is cleared by the Master Reset (bit MARST of
the Function Register)
TXABORT
32
O
Transmission Aborted
Indicates that the Transmitter aborted transmission of the current or
previous PDU before the Ending Delimiter or that the current Service Opportunity was aborted by
Reset or Recovery actions TXABORT is asserted when the current transmitted (not repeated) PDU
has been aborted and remains valid until the end of the transmitted Void frame
TXABORT is cleared by Master Reset (bit MARST of the Function Register) It is also cleared when
an Immediate Claim or Beacon Service Opportunity is terminated by My
Claim or My
Beacon
received (ie when transition T(47) or T(54) occurs during an Immediate Service Opportunity)
TXRINGOP
37
O
Ring Operational
Indicates the current value of the Ring
Operational flag
TXCLASS
35
O
Token Class
Indicates the class of the current or previous token in the Transmitter TXCLASS is set
to R
Flag when a valid token is received TXCLASS is set to the Issue Token Class when the
RQRDY and RQFINAL signals are asserted (before Token FC time) for the current Service
Opportunity It is cleared by Reset and Recovery actions
THTDIS
36
O
Token Holding Timer Disabled
Indicates that the Token Holding Timer was disabled when the
current PHY Request byte was generated THTDIS only changes between frames When either signal
TXRDY or TXPASS is asserted after a frame THTDIS reflects the THT usage for that frame for at
least two byte times When TXPASS is asserted while THTDIS is asserted it indicates that TRT
expired
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com