Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 41Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 42Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
60 Control Information (Continued)
Token and Timer Event Latch Register 0 (TELR0)
The Token and Timer Event Latch Register 0 (TELR0) informs software of expirations of the Token Rotation Timer (TRT) and
Valid Transmission Timer (TVX) The TELR0 Register also reports token events such as duplicate token detection restricted
token reception and general token capture and release The completion of the Ring Latency measurement is also indicated in
the TELR0 Register Each bit may be masked via the Token and Timer Event Mask Register (TEMR0)
ACCESS RULES
Address
Read
Write
14h
Always
Condition
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
RLVD TKPASS TKCAPT CBERR DUPTKR TRTEXP TVXEXP ENTRMD
Bit
Symbol
Description
D0
ENTRMD
Enter Restricted Mode
Indicates that a Restricted Token was received and that the R
Flag transitioned
from0to1
D1
TVXEXP
TVX Expired
Indicates that a valid frame or token was not received in TVX time
D2
TRTEXP
TRT Expired
Indicates that a valid token was not received within 2 TNEG
D3
DUPTKR
Duplicate Token Received
Indicates that a valid token was received while the transmitter was in state T2
or T3
D4
CBERR
Claim andor Beacon Error
Indicates that the Claim andor Beacon Process failed because TRT expired
while the Transmitter was in state T4 or T5
D5
TKCAPT
Token Captured
Indicates that a token has been captured
D6
TKPASS
Token Passed
Indicates that a valid token has been passed (without capturing it) or has been issued after a
service opportunity
D7
RLVD
Ring Latency Valid
0 This bit is set to Zero to request a new latency value from the Ring Engine In Rev 01 and all future
Revisions the Ring Latency count is set to zero before each measurement
1 This bit is set to One when the Ring Latency measurement is complete
This bit is written unconditionally and is not protected by the Compare Register
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com