Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 89Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 90Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 91Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 92Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 93Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 94Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 95Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 96Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
70 Signal Descriptions (Continued)
Service Parameters
The Service Parameters define the Service Request They must be valid for at least one byte time before the RQRDY signal is
asserted and must not change while RDRDY remains asserted See Section 531 for the encoding of RQRCLS
The Requested Service corresponds to the Request Service Class and the Token Class parameters of the
(SM
)MA
DATArequest and (SM
)MA
Tokenrequest primitives as specified in the Standard
Encoded into each of the 14 possible values of RQRCLS in the Service Class (Non-Restricted Asynchronous Restricted
Asynchronous Synchronous Immediate) the Token Capture and Issue Class and THT Enable
Requests are serviced on a Service Opportunity meeting the requested criteria
External support is required to limit the requests presented to the MAC Interface by different MAC Users (SMT LLC etc)
Symbol
Pin
IO
Description
RQRCLS(3 – 0)
19 – 22
I
Request Class
Indicates the Service Class parameters for this request (see Section 531)
When RQRCLS l 0 the Transmitter will capture a usable token (for non-immediate requests)
and assert TXRDY The Service Opportunity continues as long as the token is usable with the
current service parameters even if RQRDY is not asserted If RQRCLS indicates a service class
that is not serviceable for any cycle of a service opportunity the service opportunity will conclude
after the current frame and a token of the issue token class will be issued
If RQRCLS e 0 the Service Opportunity will terminate after the current frame and a token will be
issued (even if RQRCLS subsequently becomes non-zero) See Table 5-3
RQCLM
15
I
Request Claim
Indicates that this request is to be serviced in the Claim state Ignored for non-
immediate requests
RQBCN
16
I
Request Beacon
Indicates that this request is to be serviced in the Beacon state Ignored for
non-immediate requests
Frame Options
The Frame Options signals are selected for each frame They must be valid while the RQSEND signal is asserted These
options are typically used in bridging applications
Symbol
Pin
IO
Description
STRIP
13
I
Void Strip
Forces two My
Void frames to be transmitted on end of current Service Opportunity
Stripping continues until a My
Void frame returns If any frame of a Service Opportunity requests this
option then all frames on that Service Opportunity will be stripped using this method
SAT
12
I
Source Address Transparency
When SA transparency is selected the SA from the data stream is
transmitted in place of the internal MSA or MLA stored in the MAC Parameter RAM
SAIGT
11
I
Source Address IG Transparency
With this option the MSB of the SA is sourced from the data
stream as opposed to being forced to zero
FCST
14
I
Frame Check Sequence Transparency
When selected the Ring Engine generated FCS is not
appended to the end of the Information field
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com