Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 22Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 26Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 27Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 28Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
60 Control Information (Continued)
TABLE 6-5 MAC Counters and Timer Thresholds
Address
Name
Register
Contents
80 – 86
Reserved
87
THSH1
Null(7 – 4)
THSH1(3 – 0)
88 – 92
Reserved
93
TMAX
Null(7 – 4)
TMAX(3 – 0)
94 – 96
Reserved
97
TVX
Null(7 – 4)
TVX(3 – 0)
98
TNEG0
TNEG(31 – 24)
99
TNEG1
TNEG(23 – 16)
9A
TNEG2
TNEG(15 – 8)
9B
TNEG3
TNEG(7 – 0)
9C – 9E
Reserved
9F
LTCT
Null(7 – 4)
LTCT(3 – 0)
A0
FRCT0
Zero(31 – 24)
A1
FRCT1
Null(7 – 4)
FRCT(19 – 16)
A2
FRCT2
FRCT(15 – 8)
A3
FRCT3
FRCT(7 – 0)
A4
EICT0
Zero(31 – 24)
A5
EICT1
Null(7 – 4)
EICT(19 – 16)
A6
EICT2
EICT(15 – 8)
A7
EICT3
EICT(7 – 0)
A8
LFCT0
Zero(31 – 24)
A9
LFCT1
Null(7 – 4)
LFCT(19 – 16)
AA
LFCT2
LFCT(15 – 8)
AB
LFCT3
LFCT(7 – 0)
AC
FCCT0
Zero(31 – 24)
AD
FCCT1
Null(7 – 4)
FCCT(19 – 16)
AE
FCCT2
FCCT(15 – 8)
AF
FCCT3
FCCT(7 – 0)
TABLE 6-5 MAC Counters and Timer Thresholds
(Continued)
Address
Name
Register
Contents
B0
FNCT0
Zero(31 – 24)
B1
FNCT1
Null(7 – 4)
FNCT(19 – 16)
B2
FNCT2
FNCT(15 – 8)
B3
FNCT3
FNCT(7 – 0)
B4
FTCT0
Zero(31 – 24)
B5
FTCT1
Null(7 – 4)
FTCT(19 – 16)
B6
FTCT2
FTCT(15 – 8)
B7
FTCT3
FTCT(7 – 0)
B8
TKCT0
Zero(31 – 24)
B9
TKCT1
Null(7 – 4)
TKCT(19 – 16)
BA
TKCT2
TKCT(15 – 8)
BB
TKCT3
TKCT(7 – 0)
BC
RLCT0
Zero(31 – 24)
BD
RLCT1
Null(7 – 4)
RLCT(19 – 16)
BE
RLCT2
RLCT(15 – 8)
BF
RLCT3
RLCT(7 – 0)
Note
The MAC event counters and timer thresholds are always readable
and are writable in Stop mode
Note
Null(7–4) indicates that these bits are forced to zero on reads and are
ignored on writes
Note
The value obtained on reads from reserved locations is not specified
The Event Counters are 20-bit counters and are read
through three control accesses In order to guarantee a
consistent snapshot whenever byte 3 of an event counter is
read byte 1 and byte 2 of the counters are loaded into a
holding register Byte 1 and byte 2 may then be read from
the holding register A single holding register is shared by all
of the counters but (for convenience) is accessible at sever-
al places within the address space Consistent readings
across counters can be accomplished using the Counter
Increment Latch Register (CILR)
The Event Counters are not reset as a result of a Master
Reset This may be done by either reading the counters out
and keeping track relative to the initial value read or by
writing a value to all of the counters in stop mode The
counters may be written in any order With some excep-
tions interrupts are available when the counters increment
or wraparound
63 OPERATION REGISTERS
The Operation Registers are used to control the operation
of the BMAC device The Operation Registers include the
following registers
 Mode Register (Mode)
 Option Register (Option)
 Function Register (Function)
 Revision Register (REV)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com