Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 132 page
background image
60 Control Information (Continued)
Ring Event Mask Register 0 (REMR0)
The Ring Event Mask Register 0 (REMR0) is used to mask bits in Register RELR0 If a bit in Register REMR0 is set to One the
corresponding bit in Register RELR0 will be applied to the Interrupt Condition Register which can then be used to generate an
interrupt
ACCESS RULES
Address
Read
Write
11h
Always
Always
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
RES
DUPADD
PINV
OTRMAC
CLMR
BCNR
RNOP
ROP
Bit
Symbol
Description
D0
ROP
Ring Operational Mask
This bit is used to mask RELR0ROP
D1
RNOP
Ring Non-Operational Mask
This bit is used to mask RELR0RNOP
D2
BCNR
Beacon Frame Mask
This bit is used to mask RELR0BCNR
D3
CLMR
Claim Frame Mask
This bit is used to mask RELR0CLMR
D4
OTRMAC
Other MAC Frame Mask
This bit is used to mask RELR0OTRMAC
D5
PINV
PHY
Invalid Mask
This bit is used to mask RELR0PINV
D6
DUPADD
Duplicate Address Mask
This bit is used to mask RELR0DUPADD
D7
RES
Reserved
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com