Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 104Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 105Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 106Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 107Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 108Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 109Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 110Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 111Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 132 page
background image
70 Signal Descriptions (Continued)
75 ELECTRICAL INTERFACE
The Electrical Interface signals comprise all of the clocking power supply and ground pins
Symbol
Pin
IO
Description
LSC
87
I
Local Symbol Clock
25 MHz clock with a 4060 duty-cycle Typically generated by the CDD
LBC
86
I
Local Byte Clock
125 MHz clock 5050 duty-cycle in phase with LSC Typically generated by the
CDD
RST
118
I
Master Reset
Equivalent to setting the Master Reset bit in the Function Register An asynchronous
input that must be asserted for at least 5 LSC clock cycles When asserted all bi-directional signals
are tri-stated Active low signal
VCC 11
4 17 34
I
Positive Power Supply
5V g5% relative to GND
58 78
94 100
106 117
GND 11
5 18 33
I
Power Supply Return
57 77
88 – 91
101
116 128
76 PINOUT SUMMARY
TABLE 7-6 Pinout Summary
Pin
Signal Name
Symbol
IO
1
Control Bus Data 1
CBD1
IO
2
Control Bus Data 2
CBD2
IO
3
Control Bus Data 3
CBD3
IO
4
Positive Power Supply
VCC
I
5
Ground
GND
I
6
Control Bus Data 4
CBD4
IO
7
Control Bus Data 5
CBD5
IO
8
Control Bus Data 6
CBD6
IO
9
Control Bus Data 7
CBD7
IO
10
Control Bus Parity
CBP
IO
11
Source Address IG Transparency
SAIGT
I
12
Source Address Transparency
SAT
I
13
Void Strip
STRIP
I
14
Frame Check Sequence Transparency
FCST
I
15
Request Claim
RQCLM
I
16
Request Beacon
RQBCN
I
17
Positive Power Supply
VCC
I
18
Ground
GND
I
19
Request Class 3
RQRCLS3
I
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com