Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 44 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 44 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 40Page - WIZnet Co., Ltd W5500 Datasheet HTML 41Page - WIZnet Co., Ltd W5500 Datasheet HTML 42Page - WIZnet Co., Ltd W5500 Datasheet HTML 43Page - WIZnet Co., Ltd W5500 Datasheet HTML 44Page - WIZnet Co., Ltd W5500 Datasheet HTML 45Page - WIZnet Co., Ltd W5500 Datasheet HTML 46Page - WIZnet Co., Ltd W5500 Datasheet HTML 47Page - WIZnet Co., Ltd W5500 Datasheet HTML 48Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
44 / 66
W5500 Datasheet Version1.0.9
4.2
Socket Registers
Sn4_MR (Socket n Mode Register) [R/W] [0x0000] [0x00]
Sn_MR configures the option or protocol type of Socket n.
7
6
5
4
3
2
1
0
MULTI/
MFEN
BCASTB
ND / MC
/MMB
UCASTB
MIP6B
P3
P2
P1
P0
Bit
Symbol
Description
7
MULTI/
MFEN
Multicasting in UDP mode
0 : disable Multicasting
1 : enable Multicasting
This bit is applied only during UDP mode(P[3:0] = ‘0010’).
To use multicasting, Sn_DIPR & Sn_DPORT should be respectively configured
with the multicast group IP address & port number before Socket n is
opened by OPEN command of Sn_CR
MAC Filter Enable in MACRAW mode
0 : disable MAC Filtering
1 : enable MAC Filtering
This bit is applied only during MACRAW mode(P[3:0] = ‘0100’).
When set as ‘1’, W5500 can only receive broadcasting packet or packet
sent to itself. When this bit is ‘0’, W5500 can receive all packets on
Ethernet. If user wants to implement Hybrid TCP/IP stack, it is
recommended that this bit is set as ‘1’ for reducing host overhead to
process the all received packets.
6
BCASTB
Broadcast Blocking in MACRAW and UDP mode
0 : disable Broadcast Blocking
1 : enable Broadcast Blocking
This bit blocks to receive broadcasting packet during UDP mode(P[3:0] =
‘0010’). In addition, This bit does when MACRAW mode(P[3:0] = ‘0100’)
5
ND/MC/
MMB
Use No Delayed ACK
0 : Disable No Delayed ACK option
1 : Enable No Delayed ACK option
This bit is applied only during TCP mode (P[3:0] = ‘0001’).
4n is Socket number (0, 1, 2, 3, 4, 5, 6, 7). n is set ‘SNUM[2:0]’ in Control Bits sets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com