Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 32 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 32 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 28Page - WIZnet Co., Ltd W5500 Datasheet HTML 29Page - WIZnet Co., Ltd W5500 Datasheet HTML 30Page - WIZnet Co., Ltd W5500 Datasheet HTML 31Page - WIZnet Co., Ltd W5500 Datasheet HTML 32Page - WIZnet Co., Ltd W5500 Datasheet HTML 33Page - WIZnet Co., Ltd W5500 Datasheet HTML 34Page - WIZnet Co., Ltd W5500 Datasheet HTML 35Page - WIZnet Co., Ltd W5500 Datasheet HTML 36Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
32 / 66
W5500 Datasheet Version1.0.9
Register Descriptions
4.1
Common Registers
MR (Mode Register) [R/W] [0x0000] [0x00]2
MR is used for S/W reset, ping block mode and PPPoE mode.
7
6
5
4
3
2
1
0
RST
Reserved
WOL
PB
PPPoE
Reserved
FARP
Reserved
Bit
Symbol
Description
7
RST
If this bit is ‘1’, All internal registers will be initialized. It will be
automatically cleared as ‘0’ after S/W reset.
6
Reserved
Reserved
5
WOL
Wake on LAN
0 : Disable WOL mode
1 : Enable WOL mode
If WOL mode is enabled and the received magic packet over UDP has
been normally processed, the Interrupt PIN (INTn) asserts to low. When
using WOL mode, the UDP Socket should be opened with any source port
number. (Refer to Socket n Mode Register (Sn_MR) for opening Socket.)
Notice: The magic packet over UDP supported by W5500 consists of 6
bytes synchronization stream (‘0xFFFFFFFFFFFF’) and 16 times Target
MAC address stream in UDP payload. The options such like password are
ignored. You can use any UDP source port number for WOL mode.
4
PB
Ping Block Mode
0 : Disable Ping block
1 : Enable Ping block
If the bit is ‘1’, it blocks the response to a ping request.
3
PPPoE
PPPoE Mode
0 : Disable PPPoE mode
1 : Enable PPPoE mode
If you use ADSL, this bit should be ‘1’.
2
Reserved
Reserved
1
FARP
Force ARP
2 Register Notation : [Read/Write/ReadClearWrite1] [Address] [Reset value];
ReadClearWrite1 (RCW1) Software can read as well as clear this bit by writing 1. Writing ‘0’ has no
effect on the bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com