Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 30 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 30 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 26Page - WIZnet Co., Ltd W5500 Datasheet HTML 27Page - WIZnet Co., Ltd W5500 Datasheet HTML 28Page - WIZnet Co., Ltd W5500 Datasheet HTML 29Page - WIZnet Co., Ltd W5500 Datasheet HTML 30Page - WIZnet Co., Ltd W5500 Datasheet HTML 31Page - WIZnet Co., Ltd W5500 Datasheet HTML 32Page - WIZnet Co., Ltd W5500 Datasheet HTML 33Page - WIZnet Co., Ltd W5500 Datasheet HTML 34Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
30 / 66
W5500 Datasheet Version1.0.9
3.2
Socket Register Block
W5500 supports 8 Sockets for communication channel. Each Socket is controlled by
Socket n Register Block(when 0≤n≤7). The n value of Socket n Register can be selected
by BSB[4:0] of SPI Frame. Table 4 defines the 16bits Offset Address of registers in
Socket n Register Block.
Refer to ‘Chapter 4.2’ for more details about each register.
Table 4. Offset Address in Socket n Register Block (0≤n≤7)
Offset
Register
Offset
Register
Offset
Register
0x0000
Socket n Mode
(Sn_MR)
0x0010
0x0011
Socket n Destination Port
(Sn_DPORT0)
(Sn_DPORT1)
0x0024
0x0025
Socket
n
TX
Write
Pointer
(Sn_TX_WR0)
(Sn_TX_WR1)
0x0001
Socket n Command (Sn_CR)
0x0012
0x0013
Socket n
Maximum Segment Size
(Sn_MSSR0)
(Sn_MSSR1)
0x0026
0x0027
Socket n RX Received
Size
(Sn_RX_RSR0)
(Sn_RX_RSR1)
0x0002
Socket n Interrupt
(Sn_IR)
0x0003
Socket n Status
(Sn_SR)
0x0028
0x0029
Socket n RX Read Pointer
(Sn_RX_RD0)
(Sn_RX_RD1)
0x0014
Reserved
0x0004
0x0005
Socket n Source Port
(Sn_PORT0)
(Sn_PORT1)
0x0015
Socket n IP TOS
(Sn_TOS)
0x002A
0x002B
Socket
n
RX
Write
Pointer
(Sn_RX_WR0)
(Sn_RX_WR1)
0x0016
Socket n IP TTL
(Sn_TTL)
0x0006
0x0007
0x0008
0x0009
0x000A
0x000B
Socket
n
Destination
Hardware Address
(Sn_DHAR0)
(Sn_DHAR1)
(Sn_DHAR2)
(Sn_DHAR3)
(Sn_DHAR4)
(Sn_DHAR5)
0x0017
~
0x001D
Reserved
0x002C
Socket n Interrupt Mask
(Sn_IMR)
0x002D
0x002E
Socket
n
Fragment
Offset in IP header
(Sn_FRAG0)
(Sn_FRAG1)
0x001E
Socket n Receive Buffer
Size
(Sn_RXBUF_SIZE)
0x001F
Socket n
Transmit Buffer Size
(Sn_TXBUF_SIZE)
0x002F
Keep alive timer
(Sn_KPALVTR)
0x000C
0x000D
0x000E
0x000F
Socket n
Destination IP Address
(Sn_DIPR0)
(Sn_DIPR1)
(Sn_DIPR2)
(Sn_DIPR3)
0x0020
0x0021
Socket n TX Free Size
(Sn_TX_FSR0)
(Sn_TX_FSR1)
0x0030
~
0xFFFF
Reserved
0x0022
0x0023
Socket n TX Read Pointer
(Sn_TX_RD0)
(Sn_TX_RD1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com