Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 17 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 17 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 13Page - WIZnet Co., Ltd W5500 Datasheet HTML 14Page - WIZnet Co., Ltd W5500 Datasheet HTML 15Page - WIZnet Co., Ltd W5500 Datasheet HTML 16Page - WIZnet Co., Ltd W5500 Datasheet HTML 17Page - WIZnet Co., Ltd W5500 Datasheet HTML 18Page - WIZnet Co., Ltd W5500 Datasheet HTML 19Page - WIZnet Co., Ltd W5500 Datasheet HTML 20Page - WIZnet Co., Ltd W5500 Datasheet HTML 21Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
W5500 Datasheet Version1.0.9
17 / 66
OM[1:0]
Meaning
00
Variable Data Length Mode, N-Bytes Data Phase (1 ≤ N)
01
Fixed Data Length Mode , 1 Byte Data Length (N = 1)
10
Fixed Data Length Mode , 2 Byte Data Length (N = 2)
11
Fixed Data Length Mode , 4 Byte Data Length (N = 4)
2.2.3
Data Phase
With the Control Phase set by the SPI Operation Mode Bits OM[1:0], the Data Phase
is set by two types of length, one type is the N-Bytes length (VDM mode) and the other
type is 1/2/4 Bytes (FDM mode).
At this time, 1 byte data is transferred through MOSI or MISO signal from MSB to LSB
sequentially.
2.3
Variable Length Data Mode (VDM)
In VDM mode, the SPI Frame Data Phase Length is determined by SCSn Control of the
External Host. That means that the Data Phase Length can have random value (Any
length from 1 Byte to N Bytes) according to the SCSn Control.
The OM[1:0] of the Control Phase should be ‘00’ value in VDM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com