Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 35 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 35 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 31Page - WIZnet Co., Ltd W5500 Datasheet HTML 32Page - WIZnet Co., Ltd W5500 Datasheet HTML 33Page - WIZnet Co., Ltd W5500 Datasheet HTML 34Page - WIZnet Co., Ltd W5500 Datasheet HTML 35Page - WIZnet Co., Ltd W5500 Datasheet HTML 36Page - WIZnet Co., Ltd W5500 Datasheet HTML 37Page - WIZnet Co., Ltd W5500 Datasheet HTML 38Page - WIZnet Co., Ltd W5500 Datasheet HTML 39Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
W5500 Datasheet Version1.0.9
35 / 66
IR (Interrupt Register) [R/W] [0x0015] [0x00]
IR indicates the interrupt status. Each bit of IR can be cleared when the host writes
‘1’ value to each bit. If IR is not equal to ‘0x00’, INTn PIN is asserted low until it is
‘0x00’.
7
6
5
4
3
2
1
0
CONFLICT
UNREACH
PPPoE
MP
Reserved
Reserved
Reserved
Reserved
Bit
Symbol
Description
7
CONFLICT
IP Conflict
Bit is set as ‘1’ when own source IP address is same with the sender
IP address in the received ARP request.
6
UNREACH
Destination unreachable
When receiving the ICMP (Destination port unreachable) packet,
this bit is set as ‘1’.
When this bit is ‘1’, Destination Information such as IP address and
Port number may be checked with the corresponding UIPR &
UPORTR.
5
PPPoE
PPPoE Connection Close
When PPPoE is disconnected during PPPoE mode, this bit is set.
4
MP
Magic Packet
When WOL mode is enabled and receives the magic packet over
UDP, this bit is set.
3~0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com