Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 63 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 63 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 58Page - WIZnet Co., Ltd W5500 Datasheet HTML 59Page - WIZnet Co., Ltd W5500 Datasheet HTML 60Page - WIZnet Co., Ltd W5500 Datasheet HTML 61Page - WIZnet Co., Ltd W5500 Datasheet HTML 62Page - WIZnet Co., Ltd W5500 Datasheet HTML 63Page - WIZnet Co., Ltd W5500 Datasheet HTML 64Page - WIZnet Co., Ltd W5500 Datasheet HTML 65Page - WIZnet Co., Ltd W5500 Datasheet HTML 66Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
W5500 Datasheet Version1.0.9
63 / 66
IR Reflow Temperature Profile (Lead-Free)
Moisture Sensitivity Level : 3
Dry Pack Required: Yes
Average Ramp-Up Rate
(Tsmax to Tp)
3° C/second max.
Preheat
– Temperature Min (Tsmin)
– Temperature Max (Tsmax)
– Time (tsmin to tsmax)
150 °C
200 °C
60-120 seconds
Time maintained above:
– Temperature (TL)
– Time (tL)
217 °C
60-150 seconds
Peak/Classification Temperature (Tp)
265 + 0/-5°C
Time within 5 °C of actual Peak Temperature (tp)
30 seconds
Ramp-Down Rate
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
Figure 25. IR Reflow Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com