Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 53 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 53 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 49Page - WIZnet Co., Ltd W5500 Datasheet HTML 50Page - WIZnet Co., Ltd W5500 Datasheet HTML 51Page - WIZnet Co., Ltd W5500 Datasheet HTML 52Page - WIZnet Co., Ltd W5500 Datasheet HTML 53Page - WIZnet Co., Ltd W5500 Datasheet HTML 54Page - WIZnet Co., Ltd W5500 Datasheet HTML 55Page - WIZnet Co., Ltd W5500 Datasheet HTML 56Page - WIZnet Co., Ltd W5500 Datasheet HTML 57Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
W5500 Datasheet Version1.0.9
53 / 66
Socket n RX Buffer Block can be accessible with the 16bits Offset Address ranged from
0x0000 to 0xFFFF regardless of the configured size. (Refer to Sn_RX_RD & Sn_RX_WR).
Value (dec)
0
1
2
4
8
16
Buffer size
0KB
1KB
2KB
4KB
8KB
16KB
Ex) Socket 0 RX Buffer Size = 8KB
0x001E
0x08
Sn_TXBUF_SIZE (Socket n TX Buffer Size Register) [R/W] [0x001F] [0x02]
Sn_TXBUF_SIZE configures the TX buffer block size of Socket n. Socket n TX
Buffer Block size can be configured with 1,2,4,8, and 16 Kbytes. If a different size
is configured, the data can’t be normally transmitted to a peer.
Although Socket n TX Buffer Block size is initially configured to 2Kbytes, user can
be re-configure its size using Sn_TXBUF_SIZE. The total sum of Sn_TXBUF_SIZE
cannot be exceed 16Kbytes. When exceeded, the data transmission error is
occurred.
When all Sn_TXBUF_SIZE have been configured, Socket n TX Buffer is allocated
with the configured size in 16KB TX Memory and is assigned sequentially from
Socket 0 to Socket 7.
Socket n TX Buffer Block can be accessible with 16bits Offset Address ranged
from 0x0000 to 0xFFFF regardless of the configured size. (Refer to Sn_TX_WR &
Sn_TX_RD).
Value (dec)
0
1
2
4
8
16
Buffer size
0KB
1KB
2KB
4KB
8KB
16KB
Ex) Socket 0 TX Buffer Size = 4KB
0x001F
0x04
Sn_TX_FSR (Socket n TX Free Size Register) [R] [0x0020-0x0021] [0x0800]
Sn_TX_FSR indicates the free size of Socket n TX Buffer Block. It is initialized to the
configured size by Sn_TXBUF_SIZE. Data bigger than Sn_TX_FSR should not be saved
in the Socket n TX Buffer because the bigger data overwrites the previous saved data
not yet sent. Therefore, check before saving the data to the Socket n TX Buffer, and
if data is equal or smaller than its checked size, transmit the data with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com