Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 14 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 14 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 10Page - WIZnet Co., Ltd W5500 Datasheet HTML 11Page - WIZnet Co., Ltd W5500 Datasheet HTML 12Page - WIZnet Co., Ltd W5500 Datasheet HTML 13Page - WIZnet Co., Ltd W5500 Datasheet HTML 14Page - WIZnet Co., Ltd W5500 Datasheet HTML 15Page - WIZnet Co., Ltd W5500 Datasheet HTML 16Page - WIZnet Co., Ltd W5500 Datasheet HTML 17Page - WIZnet Co., Ltd W5500 Datasheet HTML 18Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14 / 66
W5500 Datasheet Version1.0.9
2.2
SPI Frame
W5500 SPI Frame consists of 16bits Offset Address in Address Phase, 8bits Control
Phase and N bytes Data Phase as shown in Figure 7.
The 8bits Control Phase is reconfigured with Block Select bits (BSB[4:0]), Read/Write
Access Mode bit (RWB) and SPI Operation Mode (OM[1:0]).
Block Select bits select the block to which the Offset Address belongs.
Figure 7. SPI Frame Format
W5500 supports Sequential Data Read/Write. It processes the data from the base
(the Offset Address which is set for 2/4/N byte Sequential data processing) and the
next data by increasing the Offset Address (auto increment addressing) by 1.
2.2.1 Address Phase
This Address Phase specifies the 16 bits Offset Address for the W5500 Registers and
TX/RX Buffer Blocks.
The 16-bit Offset Address value is transferred from MSB to LSB sequentially.
The SPI frame with 2/4/N byte data phase supports the Sequential Data Read/Write in
which Offset address automatically increases by 1 every 1 byte data.
16btis Offset Address
0
1
2
3
Data 1
Bit 15
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
Control Byte
N+2
Data N
7 6 5 4 3 2 1 0
. . .
Address Phase
Control Phase
Data Phase
N >= 1
MSB first
MSB first
14 13 12 11 10 9 8
Block
Select Bits
OP
Mode
R
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com