Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 24 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 24 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 20Page - WIZnet Co., Ltd W5500 Datasheet HTML 21Page - WIZnet Co., Ltd W5500 Datasheet HTML 22Page - WIZnet Co., Ltd W5500 Datasheet HTML 23Page - WIZnet Co., Ltd W5500 Datasheet HTML 24Page - WIZnet Co., Ltd W5500 Datasheet HTML 25Page - WIZnet Co., Ltd W5500 Datasheet HTML 26Page - WIZnet Co., Ltd W5500 Datasheet HTML 27Page - WIZnet Co., Ltd W5500 Datasheet HTML 28Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
24 / 66
W5500 Datasheet Version1.0.9
2.4
Fixed Length Data Mode (FDM)
The FDM mode can be used when the External Host cannot control SCSn signal.
The SCSn signal should be tied to Low (Always connected to GND) and it is not possible
to share the SPI Bus with other SPI Devices. (Refer to the Figure 5)
In VDM mode, Data Phase length is controlled by SCSn control.
But in FDM mode, Data Phase length is controlled by OM[1:0] value (‘01’ / ‘10’ / ‘11’)
which is the SPI Operation Mode Bits of the Control Phase.
As the SPI Frame of FDM mode is the same as SPI Frame of VDM mode (1Byte, 2 Bytes,
4 Bytes SPI Frame) except for the SCSn signal control and OM[1:0] setting, the detail
about FDM mode is not described in this section.
It is not recommended to use the FDM mode unless you are in inevitable status. In
addition, we use only 1/2/4 Bytes SPI Frame, as described in ‘Chapter 2.4.1’ & ‘Chapter
2.4.2’. Using SPI Frame with other length of Data will cause malfunction of W5500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com