Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 49 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 49 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 45Page - WIZnet Co., Ltd W5500 Datasheet HTML 46Page - WIZnet Co., Ltd W5500 Datasheet HTML 47Page - WIZnet Co., Ltd W5500 Datasheet HTML 48Page - WIZnet Co., Ltd W5500 Datasheet HTML 49Page - WIZnet Co., Ltd W5500 Datasheet HTML 50Page - WIZnet Co., Ltd W5500 Datasheet HTML 51Page - WIZnet Co., Ltd W5500 Datasheet HTML 52Page - WIZnet Co., Ltd W5500 Datasheet HTML 53Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
W5500 Datasheet Version1.0.9
49 / 66
Sn_SR (Socket n Status Register) [R] [0x0003] [0x00]
Sn_SR indicates the status of Socket n. The status of Socket n is changed by Sn_CR
or some special control packet as SYN, FIN packet in TCP.
Value
Symbol
Description
0x00
SOCK_CLOSED
This indicates that Socket n is released.
When DISCON, CLOSE command is ordered, or when a timeout
occurs, it is changed to SOCK_CLOSED regardless of previous
status.
0x13
SOCK_INIT
This indicates Socket n is opened with TCP mode.
It is changed to SOCK_INIT when Sn_MR (P[3:0]) = ‘0001’ and
OPEN command is ordered.
After SOCK_INIT, user can use LISTEN /CONNECT command.
0x14
SOCK_LISTEN
This indicates Socket n is operating as ‘TCP server’ mode and
waiting for connection-request (SYN packet) from a peer
(‘TCP client’).
It will change to SOCK_ESTALBLISHED when the connection-
request is successfully accepted.
Otherwise it will change to SOCK_CLOSED after TCPTO
occurred (Sn_IR(TIMEOUT) = ‘1’).
0x17
SOCK_ESTABLISHED
This indicates the status of the connection of Socket n.
It changes to SOCK_ESTABLISHED when the ‘TCP SERVER’
processed the SYN packet from the ‘TCP CLIENT’ during
SOCK_LISTEN, or when the CONNECT command is successful.
During SOCK_ESTABLISHED, DATA packet can be transferred
using SEND or RECV command.
0x1C
SOCK_CLOSE_WAIT
This indicates Socket n received the disconnect-request (FIN
packet) from the connected peer. This is half-closing status,
and data can be transferred. For full-closing, DISCON
command is used. But For just-closing, CLOSE command is
used.
0x22
SOCK_UDP
This indicates Socket n is opened in UDP mode(Sn_MR(P[3:0])
= ‘0010’).
It changes to SOCK_UDP when Sn_MR(P[3:0]) = ‘0010’) and
OPEN command is ordered.
Unlike TCP mode, data can be transfered without the
connection-process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com