Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 6 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 6 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 2Page - WIZnet Co., Ltd W5500 Datasheet HTML 3Page - WIZnet Co., Ltd W5500 Datasheet HTML 4Page - WIZnet Co., Ltd W5500 Datasheet HTML 5Page - WIZnet Co., Ltd W5500 Datasheet HTML 6Page - WIZnet Co., Ltd W5500 Datasheet HTML 7Page - WIZnet Co., Ltd W5500 Datasheet HTML 8Page - WIZnet Co., Ltd W5500 Datasheet HTML 9Page - WIZnet Co., Ltd W5500 Datasheet HTML 10Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6 / 66
W5500 Datasheet Version1.0.9
Table of Figures
Figure 1. W5500 Pin Layout .......................................................................7
Figure 2. External reference resistor ......................................................... 11
Figure 3. Crystal reference schematic ........................................................ 11
Figure 4. Variable Length Data Mode (SCSn controlled by the host) .................... 12
Figure 5. Fixed Length Data Mode (SCSn is always connected by Ground) ............. 12
Figure 6. SPI Mode 0 & 3 ........................................................................ 13
Figure 7. SPI Frame Format ..................................................................... 14
Figure 8. Write SPI Frame in VDM mode ...................................................... 18
Figure 9. SIMR Register Write in VDM Mode .................................................. 19
Figure 10. 5 Byte Data Write at 1th Socket’s TX Buffer Block 0x0040 in VDM mode.. 20
Figure 11. Read SPI Frame in VDM mode ..................................................... 21
Figure 12. S7_SR Read in VDM Mode........................................................... 22
Figure 13. 5 Byte Data Read at Socket 3 RX Buffer Block 0x0100 in VDM mode ....... 23
Figure 14. 1 Byte Data Write SPI Frame in FDM mode...................................... 25
Figure 15. 2 Bytes Data Write SPI Frame in FDM mode .................................... 25
Figure 16. 4 Bytes Data Write SPI Frame in FDM mode .................................... 25
Figure 17. 1 Byte Data Read SPI Frame in FDM mode ...................................... 26
Figure 18. 2 Bytes Data Read SPI Frame in FDM mode ..................................... 26
Figure 19. 4 Bytes Data Read SPI Frame in FDM mode ..................................... 26
Figure 20. Register & Memory Organization ................................................. 28
Figure 21. INTLEVEL Timing ..................................................................... 34
Figure 22. Reset Timing.......................................................................... 60
Figure 23. SPI Timing............................................................................. 61
Figure 24. Transformer Type .................................................................... 62
Figure 25. IR Reflow Temperature ............................................................. 63
Figure 26. Package Dimensions................................................................. 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com