Electronic Components Datasheet Search
  English  ▼

X  

W5500 Datasheet(PDF) 59 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 59 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 55Page - WIZnet Co., Ltd W5500 Datasheet HTML 56Page - WIZnet Co., Ltd W5500 Datasheet HTML 57Page - WIZnet Co., Ltd W5500 Datasheet HTML 58Page - WIZnet Co., Ltd W5500 Datasheet HTML 59Page - WIZnet Co., Ltd W5500 Datasheet HTML 60Page - WIZnet Co., Ltd W5500 Datasheet HTML 61Page - WIZnet Co., Ltd W5500 Datasheet HTML 62Page - WIZnet Co., Ltd W5500 Datasheet HTML 63Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
W5500 Datasheet Version1.0.9
59 / 66
5.3
DC Characteristics
(Test Condition: Ta = –40 to 85°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
Supply voltage
Apply VDD, AVDD
2.97
3.3
3.63
V
VIH
High level input
voltage
2.0
5.5
V
VIL
Low level input
voltage
- 0.3
0.8
V
VT
Threshold point
All inputs except XI
1.30
1.41
1.53
V
VT+
Schmitt trig Low to
High Threshold
point
All inputs except XI
1.53
1.64
1.73
V
VT-
Schmitt trig High to
Low Threshold point
All inputs except XI
0.95
1.02
1.09
V
TJ
Junction
temperature
-40
25
125
°C
IL
Input Leakage
Current
1
A
RPU
Pull-up Resistor
SCSn, RSTn, PMODE[2:0]
62
77
112
Kohm
RPD
Pull-down Resistor
RSVD(Pin 23, Pin 38 ~
Pin 42)
48
85
174
Kohm
VOL
Low level output
voltage
IOL = 8mA,
All outputs except XO
0.4
V
VOH
High level output
voltage
IOH = 8mA,
All outputs except XO
2.4
V
IOL
Low level output
Current
VOL = 0.4V, All outputs
except XO
8.6
13.9
18.9
mA
IOH
High level output
Current
VOH = 2.4V, All outputs
except XO
12.5
26.9
47.1
mA
IDD1
Supply Current
(Normal operation
mode)
VDD=3.3V, AVDD=3.3V,
Ta = 25°C
132
mA
IDD2
Supply Current
(Power Down mode)
PHY Power Down mode,
VDD=3.3V, AVDD=3.3V,
Ta = 25°C
13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com