Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 101 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 101 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 96Page - PADAUK Technology. PFS123 Datasheet HTML 97Page - PADAUK Technology. PFS123 Datasheet HTML 98Page - PADAUK Technology. PFS123 Datasheet HTML 99Page - PADAUK Technology. PFS123 Datasheet HTML 100Page - PADAUK Technology. PFS123 Datasheet HTML 101Page - PADAUK Technology. PFS123 Datasheet HTML 102Page - PADAUK Technology. PFS123 Datasheet HTML 103Page - PADAUK Technology. PFS123 Datasheet HTML 104Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 101 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
9.2.3. System clock switching
System clock can be switched by CLKMD register. Please notice that, NEVER switch the system clock and
turn off the original clock source at the same time. For example: When switching from clock A to clock B,
please switch to clock B first; and after that turn off the clock A oscillator through CLKMD.
Example : Switch system clock from ILRC to IHRC/2
CLKMD
=
0x36;
// switch to IHRC, ILRC can not be disabled here
CLKMD.2 =
0;
// ILRC can be disabled at this time
ERROR: Switch ILRC to IHRC and turn off ILRC simultaneously
CLKMD
=
0x50;
// MCU will hang
9.2.4. Watchdog
Watchdog will be inactive once ILRC is disabled.
9.2.5. TIMER time out
When select $ INTEGS
BIT_R (default value) and T16M counter BIT8 to generate interrupt, if T16M counts
from 0, the first interrupt will occur when the counter reaches to 0x100 (BIT8 from 0 to 1) and the second
interrupt will occur when the counter reaches 0x300 (BIT8 from 0 to 1). Therefore, selecting BIT8 as 1 to
generate interrupt means that the interrupt occurs every 512 counts. Please notice that if T16M counter is
restarted, the next interrupt will occur once Bit8 turns from 0 to 1.
If select $ INTEGS
BIT_F(BIT triggers from 1 to 0) and T16M counter BIT8 to generate interrupt, the T16M
counter changes to an interrupt every 0x200/0x400/0x600/. Please pay attention to two differences with setting
INTEGS methods.
9.2.6.
IHRC
(1) The IHRC frequency calibration is performed when IC is programmed by the writer.
(2) Because the characteristic of the Epoxy Molding Compound (EMC) would some degrees affects the
IHRC frequency (either for package or COB), if the calibration is done before molding process, the actual
IHRC frequency after molding may be deviated or becomes out of spec. Normally , the frequency is
getting slower a bit.
(3) It usually happens in COB package or Quick Turnover Programming (QTP). And PADAUK would not
take any responsibility for this situation.
(4) Users can make some compensatory adjustments according to their own experiences. For example,
users can set IHRC frequency to be 0.5% ~ 1% higher and aim to get better re-targeting after molding.
9.2.7.
LVR
User can set MISC.2 as “1” to disable LVR. However, VDD must be kept as exceeding the lowest working
voltage of chip; Otherwise IC may work abnormally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com