Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 104 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 104 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 96Page - PADAUK Technology. PFS123 Datasheet HTML 97Page - PADAUK Technology. PFS123 Datasheet HTML 98Page - PADAUK Technology. PFS123 Datasheet HTML 99Page - PADAUK Technology. PFS123 Datasheet HTML 100Page - PADAUK Technology. PFS123 Datasheet HTML 101Page - PADAUK Technology. PFS123 Datasheet HTML 102Page - PADAUK Technology. PFS123 Datasheet HTML 103Page - PADAUK Technology. PFS123 Datasheet HTML 104Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 104 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 104 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
9.3. Using ICE
(1)
PDK5S-I-S01/2(B) supports PFS123 MCU emulation, the following items should be noted when using
PDK5S-I-S01/2(B) to emulate PFS123:
PDK5S-I-S01/2(B) doesn’t support the instruction NMOV/SWAP/NADD/COMP with RAM.
PDK5S-I-S01/2(B) doesn’t support SYSCLK=ILRC/16.
PDK5S-I-S01/2(B) doesn’t support the dynamic setting of function misc.4 (Only fix to 0 or 1)
PDK5S-I-S01/2(B) doesn’t support the function Tm2.gpcrs/Tm3.gpcrs.
PDK5S-I-S01/2(B) doesn’t support band-gap reference voltage for ADC channel F of ADCRGC [3:2].
Only 1.2V exists and is fixed.
PDK5S-I-S01/2(B) doesn’t support the code options: PB4_PB5_Drive, GPC_PWM, TMx_source,
PWM_Source and TMx_bit.
PDK5S-I-S01/2(B) doesn’t support SuLED PWM generation and related registers.
PDK5S-I-S01/2(B) doesn’t support VDD/2 function of PB0.
PDK5S-I-S01/2(B) has different setting of PC2 and PC1 in adcc.
PDK5S-I-S01/2(B) only supports 240 bytes RAM for data memory.
The PCDIER register of the PDK5S-I-S01/2(B) emulator is different from the real chip. The PCDIER[0]
of the PDK5S-I-S01/2(B) is used to set PC0~PC3 to be digital input whereas PCDIER[1] is used to
set PC4~ PC7 to be digital input. It is recommended not to set PCDIER.
When using PB1 in ADCRGC, PA1 must float.
When using GPCC output, PA3 will be influenced.
When simulating PWM waveform, please check the waveform during program running. When the ICE
is suspended or single-step running, its waveform may be inconsistent with the reality.
The ILRC frequency of the PDK5S-I-S01/2(B) simulator is different from the actual IC and is
uncalibrated, with a frequency range of about 34K~38KHz.
Fast Wakeup time is different from PDK5S-I-S01/2(B): 128 SysClk, PFS123: 45 ILRC
Watch dog time out period is different from PDK5S-I-S01/2(B):
WDT period
PDK5S-I-S01/2(B)
PFS123
misc[1:0]=00
2048 * TILRC
8192 * TILRC
misc[1:0]=01
4096 * TILRC
16384 * TILRC
misc[1:0]=10
16384 * TILRC
65536 * TILRC
misc[1:0]=11
256 * TILRC
262144 * TILRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com