Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 103 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 103 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 96Page - PADAUK Technology. PFS123 Datasheet HTML 97Page - PADAUK Technology. PFS123 Datasheet HTML 98Page - PADAUK Technology. PFS123 Datasheet HTML 99Page - PADAUK Technology. PFS123 Datasheet HTML 100Page - PADAUK Technology. PFS123 Datasheet HTML 101Page - PADAUK Technology. PFS123 Datasheet HTML 102Page - PADAUK Technology. PFS123 Datasheet HTML 103Page - PADAUK Technology. PFS123 Datasheet HTML 104Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 103 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
On-board Writing
PFS123 can support On-board writing. On-Board Writing is known as the situation that the IC has to be
programmed when the IC itself and other peripheral circuits and devices have already been mounted on the
PCB. Five wires of PDK5S-P-003 are used for On-Board Writing: ICPCK, ICPDA, VDD, GND and ICVPP. They
are used to connect PA3, PA6, VDD, GND and PA5 of the IC correspondingly.
The above figure shows the connection for PFS123 on-board writing. In this figure, ☆can be either resistors
or capacitors. They are used to isolate the programming signal wires from the peripheral circuit. it should
be≧10KΩfor resistance while ≦220pF for capacitance.
Notice:
In general, the limited-voltage programming mode is used in On-board Writing, Please refers to the 13.2
for more detail about limited-voltage programming mode.
Any zener diode ≦5.0V, or any circuitry which clam the 5.0V to be created SHOULD NOT be
connected between VDD and GND of the PCB.
Any capacitor ≧500uF SH OULD NOT be connected between VDD and G ND of the PCB.
In general, the writing signal pins PA3, PA5 and PA6 SHOULD NOT be considered as strong output
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com