Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 30 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 30 Page - Analog Devices

Back Button AD2428W Datasheet HTML 26Page - Analog Devices AD2428W Datasheet HTML 27Page - Analog Devices AD2428W Datasheet HTML 28Page - Analog Devices AD2428W Datasheet HTML 29Page - Analog Devices AD2428W Datasheet HTML 30Page - Analog Devices AD2428W Datasheet HTML 31Page - Analog Devices AD2428W Datasheet HTML 32Page - Analog Devices AD2428W Datasheet HTML 33Page - Analog Devices AD2428W Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Rev. B
|
Page 30 of 38
|
January 2020
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
CURRENT AT VIN (IVIN)
The current at the VIN pin (IVIN) of the transceiver is the sum of
currents IVOUT1 and IVOUT2 and the quiescent current, shown in
Figure 34 and in the following equation:
IVIN = IVOUT1 + IVOUT2 + IVINQ
The A side node current is the line bias current from an earlier
node. In a bus powered node, it is also the power supply current
and a portion of this current supplies the next in line nodes.
IA = IVIN + IB + IVREGPERI
where:
IB = B side current to the next node (= IVSSN return current and
IA of the next in line node).
IVREGPERI = peripheral current supplied from IA by extra voltage
regulator, external to the transceiver (not illustrated in Figure 35
and Figure 36).
POWER DISSIPATION
The power dissipation of the transceiver is calculated using the
following equation:
Power = 
IVIN × VVIN + (IVSSN)
2 × RVSSN – IVEXT1 × VVOUT1 – IVEXT2 × VVOUT2
where:
IVIN = current at VIN pin.
VVIN = voltage at VIN pin.
IVSSN = B side current IB to the next node and return current
from the next node. The next node is the node connected to the
B terminal of the current node. See Figure 35.
RVSSN = internal VSSN on resistance (see Table 16).
IVEXT1 = peripheral supply current from VVOUT1.
IVEXT2 = peripheral supply current from VVOUT2.
VVOUT1 = output voltage from VREG1.
VVOUT2 = output voltage from VREG2.
RESISTANCE BETWEEN NODES
Figure 35 shows the dc model of a system with a combination of
local and bus powered A2B slaves.
A voltage drop of the dc bias is observed between the A2B nodes,
due to resistance and current consumption. Table 16 lists the
causes of the dc resistance between nodes (RBETWEEN) with exam-
ple resistance values.
Both bias supply and return currents are subject to resistance.
Therefore, some resistance values must be doubled (for exam-
ple, wire length resistance).
Table 16. Breakdown/Budget of Typical DC Resistance
Between Nodes
Resistance
Each
Qty
Total
Unit
Inductor DC Resistance
0.26
4
1.04
Ω
Short Circuit Protection Resistor
1.05
1
1.05
Ω
Positive Bias PMOS Switch
On-Resistance
0.11
1
0.11
Ω
Negative Bias Switch
On-Resistance RVSSN
1.2
1
1.2
Ω
Resistance of Connections
0.01
4
0.04
Ω
Total RSUM
N/A1
1 N/A means not applicable.
N/A1
2.39
Ω
Wire Length Resistance of Cable
0.121
2
0.242
Ω/m
Figure 35. A2B DC Power Model for a System with Local and Bus Powered Slaves
Master Node
IB
IVIN
IVSSN
IA
FB
PMOS
FB
Connections
FB
Cable
VREG
IA
B
ISUM
<VVIN max
IB
ISUM
VNODE0
VNODEM
LOCAL POWER
Connections
Cable
Slave Node 0
FB
PMOS
FB
Connections
FB
Cable
VREG
B
<VVIN min
Connections
Cable
R8
FB
Slave Node n
AD2426(W)/
AD2427(W)/
AD2428(W)
VSS
VIN
VSSN
VNODEn
B
A
A
A
BUS POWER
AD2428(W)
VSS
VSSN
VSS
VSSN
VIN
VIN
AD2427(W)/
AD2428(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com