Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 18 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 18 Page - Analog Devices

Back Button AD2428W Datasheet HTML 14Page - Analog Devices AD2428W Datasheet HTML 15Page - Analog Devices AD2428W Datasheet HTML 16Page - Analog Devices AD2428W Datasheet HTML 17Page - Analog Devices AD2428W Datasheet HTML 18Page - Analog Devices AD2428W Datasheet HTML 19Page - Analog Devices AD2428W Datasheet HTML 20Page - Analog Devices AD2428W Datasheet HTML 21Page - Analog Devices AD2428W Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Rev. B
|
Page 18 of 38
|
January 2020
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
RMS Time Interval Error (TIE) Jitter
Clocks in an A2B system are passed from the master to Slave 0,
from Slave 0 to Slave 1, and so on. Each transceiver adds self jit-
ter to the incoming jitter, which results in jitter growth from the
master to the nth slave. Table 10 illustrates typical rms TIE jitter
growth.
PDM TYPICAL PERFORMANCE CHARACTERISTICS
Figure 14 through Figure 18 and Table 11 describe typical PDM
performance characteristics.
Table 10. SYNC Output RMS TIE Jitter at Each Slave
Slave Node
Typ
Max
Unit
1
1.57
ns
2
1.79
ns
3
1.91
ns
4
2.04
ns
5
2.15
ns
6
2.27
ns
7
2.44
ns
8
2.47
ns
9
2.58
ns
10
2.70
5.50
ns
Figure 14. PDM FFT, fSYNCM = 48 kHz, –60 dB Frame Sync Input
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
–190
FREQUENCY (Hz)
20
100
1k
10k
20k
CH1
CH2
Figure 15. PDM Frequency Response
Figure 16. PDM Group Delay vs. Frequency, fSYNCM = 48 kHz
Figure 17. PDM Total Harmonic Distortion + Noise (THD + N) vs. Normal-
ized Frequency (Relative to fSYNCM)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.0001
0.001
0.01
0.1
1
NORMALIZED FREQUENCY (RELATIVE TO
f
SYNCM) (Hz)
0
20
40
60
80
120
100
140
160
FREQUENCY (Hz)
10
100
1k
10k
100k
0.0001
0.001
0.01
0.1
1
–140
–120
–100
–80
–60
–20
–40
0
NORMALIZED FREQUENCY (RELATIVE TO
fSYNCM) (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com