Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 25 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 25 Page - Analog Devices

Back Button AD2428W Datasheet HTML 21Page - Analog Devices AD2428W Datasheet HTML 22Page - Analog Devices AD2428W Datasheet HTML 23Page - Analog Devices AD2428W Datasheet HTML 24Page - Analog Devices AD2428W Datasheet HTML 25Page - Analog Devices AD2428W Datasheet HTML 26Page - Analog Devices AD2428W Datasheet HTML 27Page - Analog Devices AD2428W Datasheet HTML 28Page - Analog Devices AD2428W Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. B
|
Page 25 of 38
|
January 2020
82
ADR2/IO2
D_IO
CLKOUT2
The ADR1/IO1 and ADR2/IO2 pins set the I2C slave device address during power-on reset; up to
four A2B master transceiver chips connect to the same I2C bus. The ADR2/IO2 pin is high
impedance by default. The ADR2/IO2 pin can then be initialized to become a general-purpose
input/output (GPIO) pin with interrupt request capability.
This pin can be programmed to become a clock output (CLKOUT2). The clock output can be used
as a master clock for connected ADCs and DACs or to synchronize switching voltage regulators.
9
IOVDD
PWR
None
Power Supply for Digital Input and Output Pins. The digital output pins are supplied from IOVDD,
which also sets the highest input voltage that is allowed on the digital input pins. Two I/O voltage
ranges are supported (see VIOVDD specifications in the Operating Conditions section). The current
draw of these pins is variable and depends on the loads of the digital outputs. IOVDD can be
sourced by either the VOUT1 or VOUT2 pin. However, if the signals do not originate from logic
supplied by the VOUT1 pin or VOUT2 pin, source IOVDD with an external supply.
10
BCLK
D_IO
PDMCLK
Bit Clock. Digital input in master mode. Digital output in slave mode.
When using the PDM interface in slave mode, this pin can operate as the clock output (PDMCLK)
for PDM microphones (the PDMCLK/IO7 pin can also be used).
11
SYNC
D_IO
None
Synchronization Signal. Digital input in master mode. Digital output in slave mode.
For the AD2428W and AD2429W, the SYNC signal frames a multichannel I2S/TDM data stream.
An A2B master node must have a continuous signal because the A2B master transceiver derives
all clocking information for itself and for the A2B bus from this input.
When this pin stops toggling, the A2B bus resets after a delay. For more information, see Table 3.
122
DTX0/IO3
D_IO
None
For the AD2428W and ADW2429W, serial I2S/TDM data is driven to the DTX0/IO3 pin in multi-
channel I
2S/TDM format.
This pin serves as the IO3 general-purpose I/O pin when DTX0 function is disabled. The DTX0/IO3
pin is high impedance by default until configured. The pin returns to high impedance when the
chip resets due to a missing synchronization signal or low supply voltage.
For the ADW2420W, AD2426W, and AD2427W, this pin is GPIO only (IO3).
132
DTX1/IO4
D_IO
DRX1
For the AD2428W and AD2429W, serial I2S/TDM data is driven to the DTX1/IO4 pin in multi-
channel I
2S/TDM format.
When configured as the alternate DRX1 location, the DTX1/IO4 pin receives data presented in
multichannel I
2S/TDM format. This alternate location can be used when the DRX0/IO5 and
DRX1/IO6 pins are used to receive PDM microphone data.
This pin serves as the IO4 general-purpose I/O pin when DTX1 and DRX1 functions are disabled.
The DTX1/IO4 pin is high impedance by default until configured. The pin returns to high
impedance when the chip resets due to a missing synchronization signal or low supply voltage.
For the AD2420W, AD2426W, and AD2427W, this pin is GPIO only (IO4).
14
2
DRX0/IO5
D_IO
PDM0
For the AD2428W and AD2429W, serial I
2S/TDM data is received on the DRX0/IO5 pin in multi-
channel I2S/TDM format. This pin is an input for microphone data when enabled as a PDM input
(PDM0). This pin serves as the IO5 GPIO pin when DRX0 and PDM0 functions are disabled. The
DRX0/IO5 pin is high impedance by default until configured. The pin returns to high impedance
when the chip resets due to a missing synchronization signal or low supply voltage.
For the AD2420W, AD2426W, and AD2427W, the DRX0 function is not supported.
Table 15. AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W) Pin Function Descriptions (Continued)
Pin
No.
Pin Name
Type
Alternate
Functions1 Description
In this table, the Type is defined as follows: PWR = power/ground, A_IN = analog input, D_OUT = digital output, A_IO = analog input/output,
D_IO = digital input/output, N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com