Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 8 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2428W Datasheet HTML 4Page - Analog Devices AD2428W Datasheet HTML 5Page - Analog Devices AD2428W Datasheet HTML 6Page - Analog Devices AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices AD2428W Datasheet HTML 10Page - Analog Devices AD2428W Datasheet HTML 11Page - Analog Devices AD2428W Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Rev. B
|
Page 8 of 38
|
January 2020
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
SPECIFICATIONS
For information about product specifications, contact your
Analog Devices, Inc. representative.
OPERATING CONDITIONS
Parameter
Conditions
Min
Nominal
Max
Unit
Power Supplies
VDVDD
Digital Core Logic Supply Voltage
1.70
1.90
1.98
V
VIOVDD
Digital Input/Output (I/O) Supply
Voltage
3.3 V I/O
3.0
3.3
3.63
V
1.8 V I/O
1.7
1.9
1.98
V
VPLLVDD
Phased-Locked Loops (PLL) Supply
Voltage
1.7
1.9
1.98
V
VTRXVDD
Transceiver Supply Voltage
Applies to the ATRXVDD and BTRXVDD pins 3.0
3.3
3.63
V
VI2C_VBUS
External I
2C Bus Voltage
3.3 V VIOVDD, 1.8 V VIOVDD
1.7
1.9/3.3
3.63
V
Voltage Regulator (VREG1, VREG2)
VVIN
Regulator Input Supply Voltage
Specification must be met at the VIN pin of
each A
2B bus transceiver
3.7
9.0
V
VRST
VVIN Chip Reset Assertion Voltage
Threshold
VVIN dropping
2.65
2.97
V
VRSTN
VVIN Chip Reset Deassertion Voltage
Threshold
VVIN rising
3.11
3.25
V
Digital I/O
VIH
1
1 Applies to PDMCLK/IO7, BCLK, SYNC, DTX0/IO3, DTX1/IO4, DRX0/IO5, DRX1/IO6, ADR1/IO1, ADR2/IO2, IRQ/IO0 pins.
High Level Input Voltage
VIOVDD = 1.98 V
0.7 × VIOVDD
V
VIOVDD = 3.63 V
2.2
V
VIL
1
Low Level Input Voltage
VIOVDD = 1.70 V
0.3 × VIOVDD V
VIOVDD = 3.00 V
0.8
V
VIH_I2C
2
2 Applies to SDA and SCL pins.
VIOVDD = 3.63 V, 1.98 V
0.7 × VIOVDD
V
VIL_I2C
VIOVDD = 3.00 V, 1.70 V
0.3 × VIOVDD V
Temperature
TJ
Junction Temperature
TAMBIENT = 0°C to 70°C
0
105
°C
TJ
Junction Temperature
TAMBIENT = –40°C to +85°C
–40
+105
°C
AUTOMOTIVE USE ONLY
TJ
Junction Temperature
(Automotive Grade)
TAMBIENT = –40°C to +105°C
–40
+125
3
3 Automotive application use profile only. Not supported for nonautomotive use. Contact Analog Devices, Inc. for more information.
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com