Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 9 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2428W Datasheet HTML 5Page - Analog Devices AD2428W Datasheet HTML 6Page - Analog Devices AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices AD2428W Datasheet HTML 10Page - Analog Devices AD2428W Datasheet HTML 11Page - Analog Devices AD2428W Datasheet HTML 12Page - Analog Devices AD2428W Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. B
|
Page 9 of 38
|
January 2020
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Unit
Current
IDVDD
Digital Core Logic Supply Current VDVDD = 1.98 V
9.0
10.5
12.0
mA
IPLLVDD
PLL Supply Current
VPLLVDD = 1.98 V
0.5
1.1
1.5
mA
ITRXVDD
1
1 Master and last slave only consume half the transceiver current because only one of the two TRX blocks is used.
Transceiver Supply Current
TX enabled, RX disabled, 100% duty cycle
(ITXVDD), VTRXVDD = 3.63 V
9.5
12.0
13.0
mA
TX disabled, RX enabled, 100% duty cycle
(IRXVDD), VTRXVDD = 3.63 V
2.22.8
3.5mA
TX disabled, RX disabled, 0% activity level,
VTRXVDD = 3.63 V
1.01.7
2.5mA
Voltage Regulator (VREG1, VREG2)
VVOUT1
VREG1 Output Voltage
1.80
1.90
1.98
V
VVOUT2
VREG2 Output Voltage
3.15
3.30
3.45
V
IVOUT1
2
2 In a bus powered system, IVOUT has a direct impact on IVSSN and VVIN in other nodes. For more information, see the Power Analysis section.
VREG1 Output Current
40.0
mA
IVOUT2
2
VREG2 Output Current
50.0
mA
IVEXT1
3, 4
3 Consider the package thermal limits when dissipating current above typical limits. For more information, see the Thermal Characteristics section.
4 Must comply with IVOUT1 and IVOUT2 maximum.
VREG1 External Device Current
IVOUT1 – IPLLVDD – IDVDD – IIOVDD current
available to external device
20
mA
IVEXT2
3, 4
VREG2 External Device Current
IVOUT2 – ITRXVDD current available to external
device
20
mA
V
OUT1/VIN
Line Regulation
VVIN = 3.7 V to VIN
0
0.017
0.055
%/V
V
OUT2/VIN
Line Regulation
VVIN = 3.7 V to VIN
0.013
0.030
0.060
%/V
VVIN = 5.0 V to 8 V
–0.025
+0.005
+0.055
%/V
V
OUT1/IOUT1
Load Regulation
VVIN = 5.0 V, IVOUT1 = 1 mA to 40 mA
0.009
0.017
%/mA
V
OUT2/IOUT2
Load Regulation
VVIN = 5.0 V, IVOUT2 = 1 mA to 50 mA
0.008
0.015
%/mA
IVINQ
Quiescent Current
VVIN =VIN, IVOUT1 = 0 mA, IVOUT2 = 0 mA
530
600
750
μA
IVIN
Operational Current
VVIN = VIN, IVOUT1 = 8 mA, IVOUT2 = 20 mA
29
mA
CLoad1
VREG1 Load Capacitance
1.0
25
μF
CLoad2
VREG2 Load Capacitance
2.2
25
μF
Digital I/O
IIH
Input Leakage, High
VIOVDD = 3.63 V, VIN = 3.63 V
10.0
μA
IIL
Input Leakage, Low
VIOVDD = 3.63 V, VIN = 0 V
10.0
μA
IOZH_I2C
5
5 Applies to SDA and SCL pins.
Three-State Leakage Current
VIOVDD = 1.9 V, VIN = 3.63 V
10.0
μA
VOH1.9
High Level Output Voltage
VIOVDD = 1.70 V, IOH = 1 mA
1.35
V
VOH3.3
High Level Output Voltage
VIOVDD = 3.00 V, IOH = 1 mA
2.40
V
VOL
6
6 Applies to BCLK, SYNC, DTX0/IO3, DTX1/IO4, DRX0/IO5, DRX1/IO6, ADR1/IO1, ADR2/IO2, IRQ/IO0, PDMCLK/IO7 pins.
Low Level Output Voltage
VIOVDD = 3.00 V, IOL = 1 mA
0.40
V
VOL
6
Low Level Output Voltage
VIOVDD = 1.70 V, IOL = 1 mA
0.40
V
VOL_I2C
5, 7
7 The minimum IOL current is lower than the I2C specification because the SDA and SCL pins are designed for a limited number of I2C attached slave devices.
I2C Low Level Output Voltage
VIOVDD = 3.00 V, IOL = 1.5 mA
0.40
V
VOL_I2C
5, 7
I
2C Low Level Output Voltage
VIOVDD = 1.70 V, IOL = 1.5 mA
0.40
V
CPD
Pin Capacitance
4.8
5
pF
Negative Bias Switch
IVSSN
Internal VSSN Switch Current
AD2426(W)/AD2427(W)/AD2428(W)
300
mA
IVSSN
Internal VSSN Switch Current
AD2420(W)/AD2429W
100
mA
RVSSN
Internal VSSN On Resistance
1.2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com