Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 35 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 35 Page - Analog Devices

Back Button AD2428W Datasheet HTML 30Page - Analog Devices AD2428W Datasheet HTML 31Page - Analog Devices AD2428W Datasheet HTML 32Page - Analog Devices AD2428W Datasheet HTML 33Page - Analog Devices AD2428W Datasheet HTML 34Page - Analog Devices AD2428W Datasheet HTML 35Page - Analog Devices AD2428W Datasheet HTML 36Page - Analog Devices AD2428W Datasheet HTML 37Page - Analog Devices AD2428W Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. B
|
Page 35 of 38
|
January 2020
Figure 38. Transceiver Footprint
EPAD Pastemask Areas
4 × 1.5 mm × 1.5 mm
EPAD 3.6 mm × 3.6 mm
Soldermask Opening
0.0508 mm larger than pads where
clearance permits, else 0.0254 mm
Pad 0.304 mm × 0.889 mm
Thermal Vias
0.254 mm drill
0.5334 mm
Pads preferably tented/plugged
and no relief to plane layers
0.4 mm
0.5 mm
Pad Pitch
0.7 mm
1.5 mm
1.5 mm
5.7 mm
5.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com