Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 27 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 27 Page - Analog Devices

Back Button AD2428W Datasheet HTML 23Page - Analog Devices AD2428W Datasheet HTML 24Page - Analog Devices AD2428W Datasheet HTML 25Page - Analog Devices AD2428W Datasheet HTML 26Page - Analog Devices AD2428W Datasheet HTML 27Page - Analog Devices AD2428W Datasheet HTML 28Page - Analog Devices AD2428W Datasheet HTML 29Page - Analog Devices AD2428W Datasheet HTML 30Page - Analog Devices AD2428W Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. B
|
Page 27 of 38
|
January 2020
29
VOUT2
PWR
None
Second Output of the On-Chip low Dropout Voltage Regulator. The voltage output on this pin
provides a regulated supply to the TRXVDD supply pins. External devices also can be powered
by this supply if the current consumption is within the specification. Decouple VOUT2 to VSS
with a 4.7 μF capacitor.
30
VIN
PWR
None
Power supply pin that accepts a wide input voltage range (see the VVIN specification in the
Operating Conditions section) for an on-chip low dropout voltage regulator.
31
VSS
PWR
None
Power Supply Pin for Return Currents. Connect the VSS pin to a low impedance local VSS ground
plane.
32
VOUT1
PWR
None
First Output of the On-Chip Low Dropout Voltage Regulator. The voltage output on this pin
provides a regulated supply to the DVDD and PLLVDD power supply pins. External devices can
be powered by this supply if the current consumption is within the specification. Decouple
VOUT1 to VSS with a 4.7 μF capacitor.
33
EPAD
PWR
None
Power Supply Pin for Return Currents. See other VSS pin description in this table. This pin is the
exposed pad on the bottom of the package and must be connected to GND.
1 See the AD2420(W)/6(W)/7(W)/8(W)/9(W) Automotive Audio Bus A2B Transceiver Technical Reference for more information about configuring pins for alternate functions.
2 If the listed functions for this pin are not required, do not connect this pin.
Table 15. AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W) Pin Function Descriptions (Continued)
Pin
No.
Pin Name
Type
Alternate
Functions1 Description
In this table, the Type is defined as follows: PWR = power/ground, A_IN = analog input, D_OUT = digital output, A_IO = analog input/output,
D_IO = digital input/output, N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com