Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 3 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 3 Page - Analog Devices

  AD2428W Datasheet HTML 1Page - Analog Devices AD2428W Datasheet HTML 2Page - Analog Devices AD2428W Datasheet HTML 3Page - Analog Devices AD2428W Datasheet HTML 4Page - Analog Devices AD2428W Datasheet HTML 5Page - Analog Devices AD2428W Datasheet HTML 6Page - Analog Devices AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. B
|
Page 3 of 38
|
January 2020
GENERAL DESCRIPTION
The Automotive Audio Bus (A2B
®) provides a multichannel,
I2S/TDM link over distances of up to 15 m between nodes. It
embeds bidirectional synchronous pulse-code modulation
(PCM) data (for example, digital audio), clock, and synchroni-
zation signals onto a single differential wire pair. A2B supports a
direct point to point connection and allows multiple, daisy-
chained nodes at different locations to contribute and/or con-
sume time division multiplexed (TDM) channel content.
A2B is a single-master, multiple-slave system where the trans-
ceiver at the host controller is the master. The master generates
clock, synchronization, and framing for all slave nodes. The
master A2B transceiver is programmable over a control port
(I2C) for configuration and read back. An extension of the con-
trol port protocol is embedded in the A2B data stream, which
grants direct access of registers and status information on slave
transceivers as well as I2C to I2C communication over distance.
The transceiver can connect directly to general-purpose digital
signal processors (DSPs), field-programmable gate arrays
(FPGAs), application specific integrated circuits (ASICs),
microphones, analog-to-digital converters (ADCs), digital-to-
analog converters (DACs), and codecs through a multichannel
I2S/TDM interface. It also provides a pulse density modulation
(PDM) interface for direct connection of up to four PDM digital
microphones.
Finally, the transceiver also supports an A2B bus powering fea-
ture, where the master node supplies voltage and current to the
slave nodes over the same daisy-chained, twisted pair wire cable
as used for the communication link.
Table 1. Product Comparison Guide
Feature
AD2420/
AD2420W
AD2426/
AD2426W
AD2427/
AD2427W
AD2428/
AD2428W
AD2429/
AD2429W
Master capable
No
No
No
Yes
Yes
Number of slaves discoverable1
N/A
N/A
N/A
Up to 10
Up to 2
Functional TRX blocks
A only
A only
A + B
A + B
B only
I
2S/TDM support
No
No
No
Yes
Yes
PDM microphone inputs
2 mics
2
4 mics
4 mics
4 mics
4 mics
Max node to node cable length
5 m
15 m
15 m
15 m
5 m
1 N/A means not applicable.
2 PDM microphones must be connected to the DRX0/IO5 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com