Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 26 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 26 Page - Analog Devices

Back Button AD2428W Datasheet HTML 22Page - Analog Devices AD2428W Datasheet HTML 23Page - Analog Devices AD2428W Datasheet HTML 24Page - Analog Devices AD2428W Datasheet HTML 25Page - Analog Devices AD2428W Datasheet HTML 26Page - Analog Devices AD2428W Datasheet HTML 27Page - Analog Devices AD2428W Datasheet HTML 28Page - Analog Devices AD2428W Datasheet HTML 29Page - Analog Devices AD2428W Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Rev. B
|
Page 26 of 38
|
January 2020
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
152
DRX1/IO6
D_IO
PDM1
For the AD2428W and AD2429W, serial I2S/TDM data is received on the DRX1/IO6 pin in multi-
channel I2S/TDM format. This pin is an input for microphone data when enabled as a PDM input
(PDM1). This pin serves as the IO6 GPIO pin when DRX1 and PDM1 functions are disabled. The
DRX1/IO6 pin is high impedance by default until configured. The pin returns to high impedance
when the chip resets due to a missing synchronization signal or low supply voltage.
For the AD2420W, AD2426W, and AD2427W, the DRX1 function is not supported.
162
PDMCLK/IO7 D_IO
RRSTRB
PDM Microphone Clock Output.
In master mode, the PDM clock output (PDMCLK) is used to clock PDM microphones. This pin
runs at 64× the SYNC frequency regardless of the BCLK rate used by the host.
When using the PDM interface in slave mode, this pin can still operate as the clock output for
PDM microphones (PDMCLK), but BCLK can also be used.
When PDM functions are disabled, this pin serves as the IO7 GPIO pin. The PDMCLK/IO7 pin can
also be used as a strobe to indicate when reduced rate data is updated (RRSTRB). The
PDMCLK/IO7 pin is high impedance by default until configured. The pin returns to high
impedance when the chip resets due to a missing synchronization signal or low supply voltage.
17
ACM
A_IN
None
Common-Mode Input for Bidirectional, Differential A
2B Line Transceiver A.
18
AN
A_IO
None
Inverted Pin of Bidirectional, Differential A
2B Line Driver and Receiver A. Pin 18 is directed
towards the master. Pin 18 is self biased.
19
AP
A_IO
None
Noninverted Pin of Bidirectional, Differential A
2B Line Driver and Receiver A. Pin 19 is directed
towards the master. Pin 19 is self biased.
20
ATRXVDD
PWR
None
Power Supply for A2B Line Driver and Receiver Circuit. Decouple these pins to VSS with one
shared 100 nF capacitor and a shared 10 nF capacitor closest to the pin. The pins can be supplied
by VOUT2. Supply the ATRXVDD pin for a master, last slave, or daisy-chained slave.
21
BTRXVDD
PWR
None
Power Supply for A
2B Line Driver and Receiver Circuit. Decouple these pins to VSS with one
shared 100 nF capacitor and a shared 10 nF capacitor closest to the pin. The pins can be supplied
by VOUT2. Supply the BTRXVDD pin for a master, last slave, or daisy-chained slave
22
BP
A_IO
None
For the AD2427W, AD2428W, and AD2429W, this is the noninverted pin of bidirectional, differ-
ential A
2B line driver and Receiver B, which is directed towards the last slave. This pin is self biased.
23
BN
A_IO
None
For the AD2427W, AD2428W, and AD2429W, this is the inverted pin of bidirectional, differential
A
2B line driver and Receiver B, which is directed towards the last slave. This pin is self biased.
24
BCM
A_IN
None
For the AD2427W, AD2428W, and AD2429W, this is the common-mode input for bidirectional,
differential A
2B Line Transceiver B.
25
VSS
PWR
None
Power Supply Pin for Return Currents. Connect the VSS pin to a low impedance local VSS ground
plane.
26
VSSN
PWR
None
For the AD2427W, AD2428W, and AD2429W, this is the power supply return current connection
for the next slave device. Connect to the inductor that provides the negative bias for the next
slave device. The AD2427W, AD2428W, and AD2429W connect VSSN to the local VSS potential
to sequence power to the next slave devices in the chain. VSSN automatically disconnects under
critical fault conditions.
27
SWP
D_OUT
None
For the AD2427W, AD2428W, and AD2429W, this is the active low open-drain output to drive
the gate of a PMOS switch. The switch is open (SWP pin is high) by default. The switch can be
closed (SWP pin goes low) to sequence power to the next slave devices in the chain. The switch
automatically opens (SWP goes high) under critical fault conditions.
28
SENSE
A_IN
None
Analog input to sense the power supplied to the next slave device. For the AD2420W, AD2426W,
or a last in line AD2427W/AD2428W/AD2429W, connect this pin to local ground through a 33 kΩ
pull-down resistor.
Table 15. AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W) Pin Function Descriptions (Continued)
Pin
No.
Pin Name
Type
Alternate
Functions1 Description
In this table, the Type is defined as follows: PWR = power/ground, A_IN = analog input, D_OUT = digital output, A_IO = analog input/output,
D_IO = digital input/output, N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com