Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 28 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 28 Page - Analog Devices

Back Button AD2428W Datasheet HTML 24Page - Analog Devices AD2428W Datasheet HTML 25Page - Analog Devices AD2428W Datasheet HTML 26Page - Analog Devices AD2428W Datasheet HTML 27Page - Analog Devices AD2428W Datasheet HTML 28Page - Analog Devices AD2428W Datasheet HTML 29Page - Analog Devices AD2428W Datasheet HTML 30Page - Analog Devices AD2428W Datasheet HTML 31Page - Analog Devices AD2428W Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Rev. B
|
Page 28 of 38
|
January 2020
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
POWER ANALYSIS
This section provides information on power consumption of the
A2B system. The intent of power dissipation calculations is to
assist board designers in estimating power requirements for
power supply and thermal relief designs.
Power dissipation on an A2B node depends on various factors,
such as the required external peripheral supply current and bus
activity. An A2B system can be comprised of a mix of bus pow-
ered slaves and local powered slaves. A bus powered slave
derives power from the A2B bus wires. A local powered slave
derives power from separate power wires. Power estimation for
a bus powered system is more complex when compared to a
local powered system. For power analysis, A2B systems with
both local and bus powered slaves must be divided into seg-
ments of nodes that draw from the same power supply.
CURRENT FLOW
Figure 34 describe key parameters and equations to calculate
power dissipation on the transceiver. The current flow on an
A2B node incorporates the described current paths.
•Constant current
•IPLLVDD — PLL supply current
•IVINQ — VIN quiescent current
•I2C I/O current
•IIOVDD — I
2S/TDM/PDM I/O current
•IVEXT1 or IVEXT2 — peripheral supply currents
•IDVDD — digital logic supply current
•ITRXVDD — A
2B bus TX/RX current
• LVDS transceiver supply currents of A and B trans-
ceivers — transmit LVDS TX and receive LVDS RX
I2C activity and the resulting I/O current is considered negligi-
ble when compared to other currents. Therefore, the on-chip
I2C I/O current is not considered when calculating the current
consumption.
Constant Current
All currents that are not influenced directly by A2B bus activity
on other nodes fall under the category of constant current.
PLL Supply Current
The PLL supply current is specified as IPLLVDD, which is the static
current in an active transceiver.
VIN Quiescent Current
The VIN quiescent current is specified as the static current
IVINQ. It is independent of the load and does not include any
power drawn from the voltage regulator output pins.
IOVDD Current
The on-chip I2S/TDM/PDM I/O current IIOVDD is based on
dynamic switching currents on the BCLK, SYNC, DTX0, DTX1,
DRX0, and DRX1 pins.
The dynamic current, due to switching activity on an output
pin, is calculated using the following equation:
Output Dynamic Current = (CPDout + CL) × VIOVDD × f
where:
CPDout = dynamic, transient power dissipation capacitance inter-
nal to the transceiver output pins.
CL = total load capacitance that an output pin sees outside the
transceiver.
VIOVDD = voltage on a digital pin.
f = frequency of switching on the pin.
The dynamic current, due to switching activity on an input pin,
is calculated using the following equation:
Input Dynamic Current = CPDin × VIOVDD × f
where:
CPDin = dynamic, transient power-dissipation capacitance inter-
nal to the input pins of the transceiver.
IIOVDD = the sum of input and output dynamic currents of all
pins internally supplied by the IOVDD pin.
f = frequency of switching on the pin.
Figure 34. Current Flow Model
IVINQ
VSS
IIOVDD
IVOUT1
IOVDD
DVDD
ATRXVDD
PLLVDD
VIN
VOUT1
A2B TRANSCEIVER
3.3V
1.9V
VOUT2
BTRXVDD
IVOUT2
IVIN
IATRXVDD
IBTRXVDD
IDVDD
IPLLVDD
IVEXT1
IVEXT2
Peripheral
Device(s)
I VEXT2 + IVEXT1
VREG1/2
IVSSN
VSSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com