Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 17 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 17 Page - Analog Devices

Back Button AD2428W Datasheet HTML 13Page - Analog Devices AD2428W Datasheet HTML 14Page - Analog Devices AD2428W Datasheet HTML 15Page - Analog Devices AD2428W Datasheet HTML 16Page - Analog Devices AD2428W Datasheet HTML 17Page - Analog Devices AD2428W Datasheet HTML 18Page - Analog Devices AD2428W Datasheet HTML 19Page - Analog Devices AD2428W Datasheet HTML 20Page - Analog Devices AD2428W Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. B
|
Page 17 of 38
|
January 2020
A2B BUS SYSTEM SPECIFICATION
Table 9. A2B System Specifications
Parameter
System Specification
Cable
Unshielded, single, twisted pair wire (UTP) with 100 Ω differential impedance. EMC performance
and full functionality under worst-case environmental conditions is confirmed with Leoni Dacar
545 cable (76D00305).
Maximum Cable Length
AD2428(W)Mastered System
40 m total, 15 m between nodes.
AD2429(W) Mastered System
10 m total, 5 m between nodes.
Maximum Number of Nodes
AD2428(W) Mastered System
11 nodes (1 master node and 10 slave nodes).
AD2429(W) Mastered System
Three nodes (1 master node and 2 slave nodes).
Maximum Number of Audio Slots
AD2426(W)/AD2427(W)/AD2428(W)1
64 total, up to 32 upstream and 32 downstream slots, depending upon system design.
AD2420(W)/AD2429(W)1
AD2429(W): 4 upstream and 2 downstream slots, depending upon system design.
AD2420(W): 2 upstream slots, depending upon system design.
Number of Audio Channels per Slave Node Individually programmable 0 to 32 upstream channels and 0 to 32 downstream channels.
Synchronous A2B Data Slot Size
8, 12, 16, 20, 24, 28, or 32 bits to match I2S/TDM data-word lengths. Same slot size for all nodes.
Upstream and downstream can choose different slot sizes. 12-, 16-, or 20-bit slot sizes can carry
compressed data over the A2B bus for 16-, 20-, or 24-bit I2S/TDM word lengths.
Audio Sampling Frequency
44.1 kHz to 48 kHz. All nodes sample synchronously. Slave node transceivers support sample rates
(fS) of 1× (48 kHz), 2× (96 kHz) or 4× (192 kHz), individually configured per slave.
To support 2× and 4× sampling rates in slaves, the master uses two and four times the number of
I
2S/TDM data channels as the 1× sampling frequency (f
SYNCM) interface to the host.
Transceivers also support reduced rate sampling for 24 kHz, 12 kHz, 6 kHz, 4 kHz, 3 kHz, 2.4 kHz,
2 kHz, 1.71 kHz, or 1.5 kHz at a low latency 48 kHz superframe rate.
Discovery Time
Less than 35 ms per node. Much less than 350 ms for total system startup in a system with 10 nodes.
Includes register initialization.
Bit Error Detection
Robust error detection for control data and status data with 16-bit cyclic redundancy check (CRC).
Error Correction
Parity and line code error detection on synchronous data slots with audio error correction (repeat
of last known good data).
For 24-bit and 32-bit data channels, single error correction and double error detection (SECDED) of
synchronous data slots is possible.
Failure Diagnostics1
Location and cause of failure can be detected for A2B wires shorted to a high voltage (for example,
positive terminal of car battery), shorted to ground, wires shorted to each other, wires reversed or
open connection.
System EMI/EMC
Meets or exceeds industry specifications for robustness (ISO 11452-2, ISO 11452-4,
ISO 7637-3) and emissions (CISPR25).
System ESD
See IEC ESD ratings in Table 12 for terminals.
1 See the AD2420(W)/6(W)/7(W)/8(W)/9(W) Automotive Audio Bus A2B Transceiver Technical Reference for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com