Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 26 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 26 Page - Micronas

Back Button MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
26
Micronas
D1:7f5
R
Bits 12..16 of MPEG-Header
The MPEGStatus1 memory cell provides a direct copy of bits
16...12 of the acual MPEG-header. This cell will be updated imme-
diatley after the MPEG-header has beed read from the bitstream.
bit [12:8]
Copy of bits 16...12 of the MPEG-header
bit [12:11] MPEGID
Bits 13 and 12 of the MPEG-header
00
MPEG 2.5
01
reserved
10
MPEG 2
11
MPEG 1
bit [10:9]
Layer
Bits 11 and 10 of the MPEG-header
00
reserved
01
Layer 1*
10
Layer 2*
11
Layer 3
bit [8]
Protection
0
CRC-protected
1
no CRC
bit [7]
reserved
bit [6:2]
private bits
bit [1]
CRC Error
0no error
1
a CRC-error has occured
bit [0]
Invalid Frame
0
normal operation
1
an invalid frame has occured
MPEGStatus1
Table 3–11: Control and status memory cells, continued
Address
(hex)
R/W
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com