Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 27 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 27 Page - Micronas

Back Button MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
27
D1:7f6
R
Bit 32...17 of MPEG-Header
The MPEGStatus2 memory cell provides a direct copy of bits
32...17 of the acual MPEG-header. This cell will be updated imme-
diately after the MPEG-header has beed read from the bitstream.
MPEGStatus2
MPEG 1
Layer 3
MPEG 2
Layer 3
MPEG 2.5
Layer 3
bit[15:12]
Datarate in kbit/s
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
free
32
40
48
56
64
80
96
112
128
160*
192*
224*
256*
320*
reserved
free
8
16
24
32
40
48
56
64
80
96
112
128
144*
160*
reserved
free
8
16
24
32
40
48
56
64
80
96
112
128
144*
160*
reserved
bit[11:10]
Sampling frequency/kHz
00
01
10
11
44.1*
48
32
reserved
22.05*
24
16
reserved
11.025*
12
8
reserved
bit[9]
padding bit
bit[8]
private bit
bit[7:6]
Mode
00
stereo
01
joint stereo
10
dual channel
11
reserved
bit[5:4]
Joint stereo: Mode extension
intensity stereo
ms_stereo
00
off
off
01
on
off
10
off
on
11
on
on
bit[3]
Copyright
0
not protected
1protected
bit[2]
Original/Copy
0copy
1original
Table 3–11: Control and status memory cells, continued
Address
(hex)
R/W
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com