Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 8 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 8 Page - Micronas

Back Button MAS3506D Datasheet HTML 4Page - Micronas MAS3506D Datasheet HTML 5Page - Micronas MAS3506D Datasheet HTML 6Page - Micronas MAS3506D Datasheet HTML 7Page - Micronas MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
8
Micronas
2.2.1.1. Broadcast Channel Timing
The incoming Broadcast Channel bitstream has a
framing with a period between Prime Rate Channel
Preambles (PRCP) of
prcpt = 432 ms
During one frame the transmission of the BC is inter-
rupted by a gap prcpgap of:
prcpgap = 2.5 ms
The data transmission is interrupted by a second gap
mfpgap with a duration of
mfpgap = 1.2 ms
that is synchronous with the Master Frame Preamble
(MFP) cycle with a period of:
mfpt = 138 ms
Both cycles mfpt and prcpt have a least common multi-
ple at 9936 ms. These gaps are independent of the
number of Prime Rate Channels (PRC) n that create
the considered Broadcast Channel.
2.2.1.2. Buffer-Controlled Loop
For the recovery of the audio sample clock, a buffer-
controlled loop is used that operates on the incoming
Broadcast Channel bit stream. The buffer control loop
characteristic suppresses the effects of these gaps on
the stability of the generated audio sample frequency
by more than 40 dB. Thus, no audible jitter is intro-
duced to the derived reference clock for the D/A con-
verter (see section 2.3. "Clock Management").
The step response of the buffer-controlled loop is plot-
ted in Figure 2–2 with respect to different number of
PRCs. The settling time for the buffer-controlled loop is
about 10 s.
Fig. 2–2: buffer-controlled loop step response
2.2.2. Broadcast Channel Demultiplexing
The Service Control Header that directly follows the
SCH-preamble in the BC bitstream is made accessible
to the controller after it has been detected. Its availabil-
ity is indicated by the BC-FRAME-SYNC signal. Infor-
mation about the content of the Broadcast Channel is
given in the Service Control Header data. The control-
ler may select the number of the Service Component
that is to be passed to the internal MPEG audio
decoder. By default, always Service Component “0” is
decoded
by
the
MAS 3506D.
An
implemented
autoscan mode can be selected that skips non-audio
Service Components.
2.2.3. MPEG Audio Decoding
The MPEG 1/2/2.5 Layer 3 decoder performs the
audio decoding. The steps for decoding are:
– Synchronization
– Side information extraction
– Huffman decoding
– Synthesis filter bank
– Ancillary data extraction
The bit rates and sampling rates that are supported by
the MAS 3506D are listed in Table 2–1.
Frame synchronization and decoding error signals are
provided at output pins of the MAS 3506D.
2.2.4. Baseband Processing
A digital volume control matrix is applied to the digital
stereo audio data. This matrix may also perform addi-
tional balance control and a simple kind of stereo
basewidth enhancement. The four factors LL, LR, RL,
and, RR are adjustable via the controller with 20 bit
resolution (see Fig. 3–2 on page 28).
4.3
8.6
13
17
21
0.02
0.04
0.06
0.08
0.1
0.12
t/s
Table 2–1: Sampling frequencies and bit rates
Sampling Freq. in kHz
Bit rates in kBit/s
48, 32, 24, 16, 12, 8
128, 112, 96, 80, 64, 56,
48, 40, 32, 24, 16, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com