Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 28 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 28 Page - Micronas

Back Button MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
28
Micronas
3.5.1. Volume Matrix
The digital baseband volume matrix is used for control-
ling the digital gain as shown in Fig. 3–2. Table 3–12
shows the proposed settings for the four volume matrix
coefficients for stereo, left, and right mono. The gain
factors are given in fixed point notation as desribed in
Section 3.3.1.
Fig. 3–2: Digital volume matrix
D1:7f6
continued
bit[1:0]
Emphasis
00
none
01
50/15 µs
10
reserved
11
CCITT J.17
D1:7f7
R/W
Configures the Serial Audio Output Interface
bit [19:0]
OutputConfig
0
generate 32-bit audio samples
16
generate 16-bit audio samples
OutputConfig
D1:7f8
R/W
Left ➔ Left Gain
bit [19:0]
LL
left
→ left gain (please refer to Sections
3.3.1. and 3.5.1.)
80000
LL
D1:7f9
R/W
Left ➔ Right Gain
bit [19:0]
LR
left
→ right gain
00000
LR
D1:7fa
R/W
Right ➔ Left Gain
bit [19:0]
RL
right
→ left gain
00000
RL
D1:7fb
R/W
Right ➔ Right Gain
bit [19:0]
RR
right
→ right gain
80000
RR
* Modes marked with an asterisk are not used in the WorldSpace system.
Table 3–11: Control and status memory cells, continued
Address
(hex)
R/W
Function
Default
Name
Table 3–12: Settings for the digital volume matrix
Memory lo-
cation (hex)
D1:
7f8
D1:
7f9
D1:
7fa
D1:
7fb
Name
LL
LR
RL
RR
Stereo
(default)
−1.0
0
0
−1.0
Mono
left
−1.0
−1.0
0
0
Mono
right
00
−1.0
−1.0
−1
−1
−1
−1
LL
LR
RL
RR
+
+
left audio
right audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com