Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 15 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 15 Page - Micronas

Back Button MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
15
3.3. I2C-Data Register (Subaddresses 68hex and
69hex) and the MAS 3506D DSP-Command
Syntax
The I2C data register is used to communicate with the
internal firmware of the MAS 3506D. It is readable
(subaddress “data_read”) and writable (subaddress
“data_write”) and also has a length of 16 bits. The data
transfer is done with the most significant bit (m) first.
A special command language is used that allows the
controller to access the DSP-registers and RAM-cells
and thus monitor internal states, set the parameters for
the DSP-firmware, control the hardware, and even pro-
vide a download of alternative software modules. The
DSP-commands consist of a “Code” which is sent to to
I2C-data register together with additional parameters.
Table 3–5 gives an overview over the different com-
mands which the DSP-core may receive. The “Code”
is always the first data nibble transmitted after the
“data_write” byte.
The control interface is also used for low-bit-rate data
transmission, i.e. MPEG-embedded ancillary data and
the WorldSpace Service Control Header. These data
are available in a specified memory area of the
MAS 3506D after successful decoding. The synchroni-
zation between controller and the MAS 3506D will be
done by observing the BC-FRAME-SYNC and MPEG-
FRAME-SYNC signals in register c8hex or at the corre-
sponding pins.
Table 3–4: Data register bit assignment
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
ml
...
SDW
data_write
WA
A
A
A
Code,...
...,...
Table 3–5: Basic controller command codes for the MAS 3506D
Code
(hex)
Command
Function
0
Run
Start execution of an internal program. Run with start address 0hex means
freeze the operating system
1
Run Config
Start execution of an internal program and switch config RAM to P-RAM
5
Select SC
Select the Service Component
6
Read Ancillary Data
Read MPEG ancillary data
8
Read SCH-Data
Read Service Control Header
9
Write Register
An internal register of the MAS 3506D can directly be written to by the con-
troller
a, b
Write Memory
A block of the DSP memory can be written to by the controller. (This feature
may be used to download alternate programs.)
d
Read Register
The controller can read an internal register of the MAS 3506D
e, f
Read Memory
A block of the DSP memory can be read by the controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com