Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 5 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 5 Page - Micronas

  MAS3506D Datasheet HTML 1Page - Micronas MAS3506D Datasheet HTML 2Page - Micronas MAS3506D Datasheet HTML 3Page - Micronas MAS3506D Datasheet HTML 4Page - Micronas MAS3506D Datasheet HTML 5Page - Micronas MAS3506D Datasheet HTML 6Page - Micronas MAS3506D Datasheet HTML 7Page - Micronas MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
5
The complete WorldSpace Broadcast Channel (BC) is
available as a serial output signal from the DRD 3515A
and provides full access to all WorldSpace data. The
additional Service Component (SC) output of the
DRD 3515A may be useful in applications where a
data and an audio channel are transmitted simulta-
neously. In this case, the data component is directed
to the SC output. This function is independent from the
audio
Service
Component
extraction
in
the
MAS 3506D.
Service Control Header data are available via I2C con-
troller interface from the MAS 3506D. (N.B. The Time
Slot Control Channel data are available only from the
DRD 3515A.)
Fig. 1–2: Block diagram of the MAS 3506D
Clock
Synthe-
sizer
Serial
Input
Interface
Serial
Output
Interface
RCLK
OCLK
14.725 MHz
24.576 MHz
BC in
Audio
Data out
Service Component
Extraction from Broadcast Channel
MPEG 1/2/2.5 Layer 3
Audio Decoding
Buffer-Controlled Loop
20-Bit RISC DSP
I2C
Interface
Parallel
Interface
DC/DC
Converter
VDD
to
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com