Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 4 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 4 Page - Micronas

  MAS3506D Datasheet HTML 1Page - Micronas MAS3506D Datasheet HTML 2Page - Micronas MAS3506D Datasheet HTML 3Page - Micronas MAS3506D Datasheet HTML 4Page - Micronas MAS3506D Datasheet HTML 5Page - Micronas MAS3506D Datasheet HTML 6Page - Micronas MAS3506D Datasheet HTML 7Page - Micronas MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
4
Micronas
WorldSpace Broadcast Channel Audio Decoder
1. Introduction
The WorldSpace system is a satellite-based digital
radio service for direct-to-home transmission of digital
radio programs. The coverage areas of this service are
Africa, South America, and parts of Asia.
The MAS 3506D is the source decoder of Micronas’
StarMan chip set that is designed for the reception of
WorldSpace signals. The MAS 3506D extracts one
Service Component (SC) of an incoming digital World-
Space
Broadcast
Channel
(BC)
and
decodes
MPEG 1/2/2.5 Layer 31) encoded audio data con-
tained in the selected Service Component. The Ser-
vice Control Header (SCH) information from the
Broadcast Channel is accessible via the embedded
fast mode serial control interface. The MAS 3506D
provides digital audio data output in I2S and similar for-
mats. An embedded digital buffer-controlled loop
recovers the sampling frequency of the audio signal
and generates a synchronized 24.576 MHz clock sig-
nal which is used as an oversampling clock for D/A
converters. A block diagram of the MAS 3506D is
shown in Figure 1–2 on page 5.
1) MPEG 2.5 is a compatible extension of MPEG 2
audio, defined in ISO/IEC 13818-3.2 that covers
additionally very low sampling frequencies down to
8kHz.
1.1. Features of the MAS 3506D
– Single-chip WorldSpace Broadcast Channel bit-
stream demultiplexer
– ISO MPEG 1/2/2.5 Layer 3 decoder
– ISO MPEG compliance tests passed
– Data processing by a high-performance RISC DSP
core (MASC)
– Download feature provides additional functionality
– Self-synchronized operation
– Output audio data delivered (in various formats) via
an I2S bus (SDO)
– Digital volume control and stereo channel mixer
– Automatic soft-mute function
– WorldSpace SCH-data output via I2C interface
– MPEG ancillary data provided via I2C interface
– Status information accessible via PIO pins or I2C
–“CRC Error”, “MPEG Frame Synchronization” and
“BC-Frame-Synchronization” indicators
– Power management for reduced power consump-
tion at lower sampling frequencies
– Low power dissipation (30 mW at fs
≤ 12 kHz,
46 mW at fs
≤ 24 kHz, 86 mW at fs > 24 kHz at
2.7 V)
– Supply voltage range: 2.7 V to 3.6 V
– Adjustable built-in DC/DC up-converter for one-cell
and two-cell battery operation (typically down to
Vbat =0.9 V)
– Adjustable power supply supervision
– Power-off function
1.2. System Overview
The Micronas StarMan chip set consists of the channel
decoder DRD 3515A and the MPEG Layer 3 audio
decoder MAS 3506D. All essential analog and digital
building blocks for WorldSpace reception are provided
by the chip set. Together with an L-band tuner and an
appropriate microcontroller this set creates a complete
StarMan radio receiver (Figure 1–1)
Fig. 1–1: Standard application of the StarMan chip set
Since the DRD 3515A also contains an audio amplifier
for headphone or small loudspeaker operation, only a
minimum of external components is necessary. The
additional inputs for analog signals (e.g. conventional
AM/FM receiver, tape etc.) make the amplifier accessi-
ble to these audio sources and thus considerably sim-
plify the design of complete radio receivers.
The analog audio output of the WorldSpace signal can
be connected to an external stereo amplifier for higher
power or quality. Also a digital audio signal in standard
I2S format is provided for high-end applications that
may require an external D/A converter.
AM/FM
Receiver,
Tape Player
WorldSpace
Tuner
System
Controller
DRD 3515A
MAS 3506D
Aux1/2
(analog)
IF input
BC
I2S
SC-out
analog out
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com