Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 42 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 42 Page - Micronas

Back Button MAS3506D Datasheet HTML 38Page - Micronas MAS3506D Datasheet HTML 39Page - Micronas MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas MAS3506D Datasheet HTML 43Page - Micronas MAS3506D Datasheet HTML 44Page - Micronas MAS3506D Datasheet HTML 45Page - Micronas MAS3506D Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
42
Micronas
4.6.3.3. I2S Bus Characteristics – SDI
at T = TA, VSUP = 2.7 to 3.6 V, typ. values at TA =27°C, VSUP =3.0 V, CLKF = 14.725 MHz, duty cycle = 50 %
Fig. 4–17: Serial input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
tSICLK
I2S clock input clock period
SIC
480
ns
multimedia mode, mean
data rate < 150 kbit/s
tSIIDS
I2S data setuptime before
falling edge of clock
SIC,
SID
50
tSICLK-
100
ns
tSIIDH
I2S data hold time
SID
50
ns
tbw
Burst wait time
SIC,
SID
480
H
L
H
L
H
L
TSICLK
TSIIDH
TSIIDS
SIC
(SII)
SID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com