Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 31 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 31 Page - Micronas

Back Button MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
31
4.2. Pin Connections and Short Descriptions
NC
not connected, leave vacant
X
obligatory, pin must be connected as
described in application informations
LV
if not used, leave vacant
VDD
connect to positive supply
VSS
connect to ground
Pin No.
Pin Name
Type
Connection
Short Description
PMQFP
44-pin
PLCC
44-pin
(If not used)
1
6
TE
I
VSS
Test enable
25POR
I
VDD
Reset , active low
34I2CC
IO
X
I2C clock line
43I2CD
IO
X
I2C data line
5
2
VDD
Supply
X
Positive supply for digital parts
6
1
VSS
Supply
X
Gound supply for digital parts
7
44
DCEN
I
VSS
Start and enable DC/DC converter
843
EOD
O
LV
PIO end of DMA, active low
942
RTR
O
LV
PIO ready to read, active low
10
41
RTW
O
LV
PIO ready to write, active low
11
40
DCSG
Supply
VSS
DC converter transistor ground
12
39
DCSO
O
VSS
DC converter transistor open drain
13
38
VSENS
I
VDD
DC converter voltage sense
14
37
PR
I
VDD
PIO DMA request or Read/Write
15
36
PCS
I
VDD
PIO chip select , active low
16
35
PI19
O
LV
BC-Frame-Toggle
17
34
PI18
I
VSS
BCINENABLE
18
33
PI17
I
VSS
PIO data [17], reserved
19
32
SIC*/PI16
I
X
PIO data[16] (SIC*)
20
31
SII*/PI15
I
VSS
PIO data[15] (SII*)
21
30
SID*/PI14
I
X
PIO data [14] (SID*)
22
29
PI13
O
LV
BC-FRAME-SYNC
23
28
PI12
O
LV
BC-SYNC
24
27
SOD/PI11
O
LV
Serial output data
25
26
SOI/PI10
O
LV
Serial ouput frame identification
26
25
SOC/PI9
O
LV
Serial output clock
27
24
PI8
O
LV
Decoding-error
28
23
XVDD
Supply
X
Positive supply of output buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com