Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 30 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 30 Page - Micronas

Back Button MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
30
Micronas
4. Specifications
4.1. Outline Dimensions
Fig. 4–1:
44-Pin Plastic Metric Quad Flat Package
(PMQFP44)
Weight approximately 0.4g
Dimensions in mm
Fig. 4–2:
44-Pin Plastic Leaded Chip Carrier Package
(PLCC44)
Weight approximately 2.5 g
Dimensions in mm
Note: The PLCC44-package has limited availability
Caution: Start pin and orientation of pin numbering is different for PLCC and PMQFP-housings.
SPGS706000-5(P44)/1E
34
44
1
11
12
22
23
33
0.1
0.8
13.2
0.2
±
0.17
0.06
±
2.15
0.2
±
2.0
0.1
±
10
0.1
±
10 x 0.8 = 8
0.1
±
10 x 1.27 = 12.7
0.1
±
1.2 x 45
°
140
39
29
28
18
17
7
6
1.6
0.1
6
8.6
6
2
2
x 45
°
1.1
1.27
SPGS704000-1(P44/K)/1E
17.52 0.12
±
16.5
0.1
±
4.75 ±0.15
4.05 ±0.1
1.9 ±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com