Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 10 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 10 Page - Micronas

Back Button MAS3506D Datasheet HTML 6Page - Micronas MAS3506D Datasheet HTML 7Page - Micronas MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
10
Micronas
2.5. Interfaces
The MAS 3506D uses an I2C control interface, a serial
input interface for the Broadcast Channel, and a digital
audio output interface for the decoded audio data (I2S
or similar). Additionally, a general-purpose parallel I/O
interface (PIO) may be used for monitoring and mode-
selection tasks. The PIO lines are controlled by the
internal firmware.
2.5.1. Broadcast Channel (BC) Input Interface
The BC input interface consists of the three pins SIC,
SII, and SID. For WorldSpace operation the SII pin is
always to be connected to VSS. The Broadcast Chan-
nel input signal format is shown in Figure 2–4. The
data values are latched with the falling edge of the SIC
signal. The input interface is asynchronous and
accepts data streams generated by the DRD 3515A
BC output.
Fig. 2–4: Schematic timing of the SDI (BC) input
The BC input can be switched to an alternate port.
This function is controlled by input pin PI18. For more
details please see Section 3.1.3. on page 13
L
Fig. 2–5: DC/DC converter connections
765 43210
tSICLK
l
tbw
BCC
→(SIC)
BCD
→(SID)
Vh
VI
Vh
VI
0...15
32...47
64...94
10
16
−
+
−
+
VSS
AVSS
AVDD
VDD
CLKI
DCSO
DCSG
DCEN
PUP
WSEN
VSENSE
9
47 k
Ω
47 k
Ω
Power-On
Push Button
10 k
Ω
10 nF
DC/DC
converter
voltage
monitor
Start-up
oscillator
µController
22
µH
VIN ≥ 0.9 V
COUT
330
µF
Low ESR
CIN
330
µF
DCCF
8ehex
optional
filter
Start-up
oscillator
+32
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com