Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 45 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 45 Page - Micronas

Back Button MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas MAS3506D Datasheet HTML 43Page - Micronas MAS3506D Datasheet HTML 44Page - Micronas MAS3506D Datasheet HTML 45Page - Micronas MAS3506D Datasheet HTML 46Page - Micronas MAS3506D Datasheet HTML 47Page - Micronas MAS3506D Datasheet HTML 48Page - Micronas MAS3506D Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
45
1) All measurements are made with a C8 R/4L 20
µH, 25 mΩ ferrite ring-core coil, Zetex ZLMCS1000 Schottky
diode, and Sanyo/Oscon 6SA330M 330
µF, 25 mΩ ESR capacitors at input and output.
hmax
Maximum efficiency
90
%
VIN =3.0 V,
VOUT =3.5 V
ISUPPLY
Supply current
VSENS
1.1
5
mA
VIN =3.0 V, ILOAD =0,
includ. switch current
IL,MAX
Inductor current limit
DCSO,
DCSG
1.0
1.4
A
RON
Switch on-resistance
DCSO,
DCSG
0.4
Ω
ILEAK
Switch leakage current
DCSO,
DCSG
0.1
1
µAT
j =27 °C,
converter = off;
ILOAD =0 µA
fSW
Switch frequency
DCSO,
DCSG
156
230
460
kHz
Depending on DCCF
tSTART
Start-up zime asserting to
PUP
DCEN,
PUP
8ms
VIN =1.0 V,
ILOAD =1 mA,
PUPLIM = 010 (Reset)
fSTARTUP
VSENSE
DCSO
250
kHz
VSENS < 1.9 V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com