Electronic Components Datasheet Search
  English  ▼

X  

MAS3506D Datasheet(PDF) 44 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 44 Page - Micronas

Back Button MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas MAS3506D Datasheet HTML 43Page - Micronas MAS3506D Datasheet HTML 44Page - Micronas MAS3506D Datasheet HTML 45Page - Micronas MAS3506D Datasheet HTML 46Page - Micronas MAS3506D Datasheet HTML 47Page - Micronas MAS3506D Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
44
Micronas
4.6.4. DC/DC Converter Characteristics
at T = TA, VSUP = 3.0 V, CLKF =14.725MHz, fsw = 230 kHz, typ. values at TA =+27 °C.
Unless otherwise noted: VOUT =3.0 V, VIN =1.2 V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIN1
Minimum start-up input voltage
1)
0.9
1.1
V
ILOAD =0 mA
DCCF = $08000
(Reset)
VIN2
Minimum operating input
voltage
1)
0.6
0.9
V
ILOAD =55mA,
DCCF = $08000
(Reset)
1.3
1.8
V
ILOAD =250 mA,
DCCF = $08000
(Reset)
VOUT
Output voltage range
Bits 16..14, Bit 9 of DCCF
Register (hex):
1C000
18000
14000
10000
0C000
08000
04000
00000
1C200
18200
14200
10200
0C200
08200
04200
00200
VSENS
3.567
3.460
3.354
3.248
3.144
3.039
2.935
2.831
2.729
2.625
2.524
2.422
2.321
2.219
2.118
2.017
V
VIN = 1.2 V
ILOAD = 50 mA
VOTOL
Output voltage tolerance
VSENS
−3.6
3.6
%
ILOAD =50mA
Tj =27 °C
VIN =1.2 V
ILOAD1
Output current
VSENS
150
mA
VIN = 0.9...1,5 V
ILOAD2
250
mA
VIN = 1.8...3.0 V
dVOUT/dVIN/
VOUT
Line regulation
VSENS
0.35
%/V
ILOAD =50 mA
dVOUT/dVIN/
VOUT
Line regulation
VSENS
0.7
%/V
ILOAD =250 mA,
VOUT =3.5 V,
VIN =2.4 V
dVOUT/VOUT
Load regulation
VSENS
−0.5
%
ILOAD = 50...150 mA
dVOUT/VOUT
Load regulation
VSENS
−0.5
%
ILOAD = 50...250 mA,
VOUT =3.5 V,
VIN =2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com