Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 30Page - Texas Instruments TAS2563 Datasheet HTML 31Page - Texas Instruments TAS2563 Datasheet HTML 32Page - Texas Instruments TAS2563 Datasheet HTML 33Page - Texas Instruments TAS2563 Datasheet HTML 34Page - Texas Instruments TAS2563 Datasheet HTML 35Page - Texas Instruments TAS2563 Datasheet HTML 36Page - Texas Instruments TAS2563 Datasheet HTML 37Page - Texas Instruments TAS2563 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
Table 8-7. Shutdown Control (continued)
SDZ_TIMEOUT[1:0]
SETTING
11
23.8 ms
When SDZ is released, the device will sample the AD0 and AD1 pins and enter the software shutdown mode.
8.3.11.2 Software Shutdown
Software Shutdown mode powers down all analog blocks required to playback audio, but does not cause the
device to loose register state. Software Shutdown is enabled by asserting the MODE[1:0] register bits to 2'b10. If
audio is playing when Software Shutdown is asserted, the Class-D will volume ramp down before shutting down.
When deasserted, the Class-D will begin switching and volume ramp back to the programmed digital volume
setting.
8.3.11.3 Mute
The TAS2563 will volume ramp down the Class-D amplifier to a mute state by setting the MODE[1:0] register bits
to 2'b01. During mute the Class-D still switches, but transmits no audio content. If mute is deasserted, the device
will volume ramp back to the programmed digital volume setting.
8.3.11.4 Active
In Active Mode the Class-D switches and plays back audio. Speaker voltage and current sensing are operational
if enabled. Set the MODE[1:0] register bits to 2'b00 to enter active mode.
8.3.11.5 Perform Load Diagnostics
In Load Diagnostics Mode, TAS2563 checks the speaker terminal for an open or short. This can be used to
determine if a problem exists with the speaker or trace to the speaker. The entire operation is performed by the
TAS2563 and results reported using the IRQZ pin or read over I2C bus on completion. Set the MODE[1:0]
register bits to 2'b11 to enter load diagnostics mode.
8.3.11.6 Mode Control and Software Reset
The TAS2563 mode can be configured by writing the MODE[1:0] bits.
Table 8-8. Mode Control
MODE[1:0]
SETTING
00
Section 8.3.11.4
01
Section 8.3.11.3
10
Section 8.3.11.2 (default)
11
Section 8.3.11.5
A software reset can be accomplished by asserting the SW_RESET bit, which is self clearing. This will restore all
registers to their default values.
Table 8-9. Software Reset
SW_RESET
SETTING
0
Don't reset (default)
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com