Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 93Page - Texas Instruments TAS2563 Datasheet HTML 94Page - Texas Instruments TAS2563 Datasheet HTML 95Page - Texas Instruments TAS2563 Datasheet HTML 96Page - Texas Instruments TAS2563 Datasheet HTML 97Page - Texas Instruments TAS2563 Datasheet HTML 98Page - Texas Instruments TAS2563 Datasheet HTML 99Page - Texas Instruments TAS2563 Datasheet HTML 100Page - Texas Instruments TAS2563 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-147. SAR ADC Conversion 0 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PVDD_CNV_DSP[9:2]
R
0h
Returns SAR ADC PVDD conversion MSBs.
8.5.59 PVDD_LSB_DSP (page=0x00 address=0x4A) [reset=0h]
LSBs of SAR ADC PVDD conversion.
Figure 8-78. PVDD_LSB_DSP Register Address: 0x4A
7
6
5
4
3
2
1
0
PVDD_CNV_DSP[1:0]
Reserved
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-148. SAR ADC Conversion 1 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
PVDD_CNV_DSP[1:0]
R
0h
Returns SAR ADC PVDD conversion LSBs.
5-0
Reserved
R
0h
Reserved
8.5.60 REV_ID (page=0x00 address=0x7D) [reset=0h]
Returns REV and PG ID.
Figure 8-79. REV_ID Register Address: 0x7D
7
6
5
4
3
2
1
0
REV_ID[3:0]
PG_ID[3:0]
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-149. Revision and PG ID Field Descriptions
Bit
Field
Type
Reset
Description
7-4
REV_ID[3:0]
R
0h
Returns the revision ID.
3-0
PG_ID[3:0]
R
0h
Returns the PG ID.
8.5.61 I2C_CKSUM (page=0x00 address=0x7E) [reset=0h]
Returns I2C checksum.
Figure 8-80. I2C_CKSUM Register Address: 0x7E
7
6
5
4
3
2
1
0
I2C_CKSUM[7:0]
RW-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-150. I2C Checksum Field Descriptions
Bit
Field
Type
Reset
Description
7-0
I2C_CKSUM[7:0]
RW
0h
Returns I2C checksum. Writing to this register will reset the
checksum to the written value. This register is updated on writes
to other registers on all books and pages.
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com