Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 7Page - Texas Instruments TAS2563 Datasheet HTML 8Page - Texas Instruments TAS2563 Datasheet HTML 9Page - Texas Instruments TAS2563 Datasheet HTML 10Page - Texas Instruments TAS2563 Datasheet HTML 11Page - Texas Instruments TAS2563 Datasheet HTML 12Page - Texas Instruments TAS2563 Datasheet HTML 13Page - Texas Instruments TAS2563 Datasheet HTML 14Page - Texas Instruments TAS2563 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
TA = 25 °C, VBAT = 3.6 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain = 16
dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision with
a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching Frequency
PFM mode
50
kHz
Current Control Mode
4
MHz
Inductor Peak Current Limit
default setting
4
A
DIE TEMPERATURE
SENSOR
Resolution
8
bits
Die temperature measurement range
-40
150
°C
Die temperature resolution
0.75
°C
Die temperature accuracy
±5
°C
VOLTAGE
MONITOR
Resolution
10
bits
VBAT measurement range
2
6
V
VBAT resolution
6
mV
VBAT accuracy
±25
mV
PDM INPUT PORT
SNR
Signal to Noise Ratio
No signal, Input generated using a
4th order PDM modulator
118
dB
No signal, Input generated using a
5th order PDM modulator
128
DR
Dynamic Range
20Hz to 20kHz, -60dBFS input
signal, A-weighted, Input generated
using a 4th order PDM modulator
117
dB
20Hz to 20kHz, -60dBFS input
signal, A-weighted, Input generated
using a 5th order PDM modulator
127
FR
Frequency Response
20Hz to 20kHz
-0.1
0
dB
GD
Group Delay
Input signal fs/50
TBD
FSYNC
Cycles
TDM SERIAL AUDIO
PORT
PCM Sample Rates & FSYNC Input
Frequency
8
96
kHz
SBCLK Input Frequency
I2S/TDM Operation
0.512
24.57
MHz
SBCLK Maximum Input Jitter
RMS Jitter below 40 kHz that can be
tolerated without performance
degradation
1
ns
RMS Jitter above 40 kHz that can be
tolerated without performance
degradation
10
ns
SBCLK Cycles per FSYNC in I2S
and TDM Modes
Values: 64, 96, 128, 192, 256, 384
and 512
64
512
Cycles
PCM PLAYBACK
CHARACTERISTICS to fs ≤ 48 kHz
fs
Sample Rates
8
48
kHz
Passband LPF Corner
0.454
fs
Passband Ripple
20 Hz to LPF cutoff
-0.3
0.3
dB
Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
dB
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com