Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 87Page - Texas Instruments TAS2563 Datasheet HTML 88Page - Texas Instruments TAS2563 Datasheet HTML 89Page - Texas Instruments TAS2563 Datasheet HTML 90Page - Texas Instruments TAS2563 Datasheet HTML 91Page - Texas Instruments TAS2563 Datasheet HTML 92Page - Texas Instruments TAS2563 Datasheet HTML 93Page - Texas Instruments TAS2563 Datasheet HTML 94Page - Texas Instruments TAS2563 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
Table 8-133. Digital Input Pin Pull Down Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
DIN_PD[0]
RW
0h
Weak pull down for SBCLK.
0b = Disabled
1b = Enabled
8.5.45 MISC (page=0x00 address=0x32) [reset=80h]
Set IRQZ pin active state
Figure 8-64. MISC Register Address: 0x32
7
6
5
4
3
2
1
0
IRQZ_POL
Reserved
Reserved
Reserved
Reserved
RW-1h
RW-0h
R-0h
RW-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-134. Misc Configuration Field Descriptions
Bit
Field
Type
Reset
Description
7
IRQZ_POL
RW
1h
IRQZ pin polarity for interrupt.
0b = Active high (IRQ)
1b = Active low (IRQZ)
6-4
Reserved
RW
0h
Reserved
3-2
Reserved
R
0h
Reserved
1
Reserved
RW
0h
Reserved
0
Reserved
R
0h
Reserved
8.5.46 BOOST_CFG1 (page=0x00 address=0x33) [reset=34h]
Boost Configure 1
Figure 8-65. BOOST_CFG1 Register Address: 0x33
7
6
5
4
3
2
1
0
BST_MODE
BST_MODE
BST_EN
Reserved
BST_PFML[1:0]
BST_DYNAMIC
_ILIM_EN
RW-0h
RW-0h
RW-1h
RW-2h
RW-2h
RW-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-135. Boost Configure 1 Field Descriptions
Bit
Field
Type
Reset
Description
7
BST_MODE
RW
0h
Boost Mode
6
BST_MODE
RW
0h
Boost Mode
00b = Class-H
01b = Class-G
10b = Boost always ON
11b = Boost always OFF(Passthrough)
5
BST_EN
RW
1h
Boost enable
0b = Disabled
1b = Enabled
4-3
Reserved
RW
2h
Reserved
2-1
BST_PFML[1:0]
RW
2h
Boost active mode PFM lower limit
00b = No lower limit
01b = 25 kHz
10b = 50 kHz
11b = 100 kHz
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com