Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 4Page - Texas Instruments TAS2563 Datasheet HTML 5Page - Texas Instruments TAS2563 Datasheet HTML 6Page - Texas Instruments TAS2563 Datasheet HTML 7Page - Texas Instruments TAS2563 Datasheet HTML 8Page - Texas Instruments TAS2563 Datasheet HTML 9Page - Texas Instruments TAS2563 Datasheet HTML 10Page - Texas Instruments TAS2563 Datasheet HTML 11Page - Texas Instruments TAS2563 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
TA = 25 °C, VBAT = 3.6 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain = 16
dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision with
a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POUT
Maximum Continuous Output Power
RL = 32Ω + 33 µH, THD+N = 0.03 %,
fin = 1 kHz
1.25
W
RL = 8 Ω + 33 µH, THD+N = 0.03 %,
fin = 1 kHz
5
W
RL = 4 Ω + 33 µH, THD+N = 1 %, fin
= 1 kHz
6.1
W
System efficiency at POUT = 1 W
RL = 8 Ω + 33 µH, fin = 1 kHz
82
%
RL = 4 Ω + 33 µH, fin = 1 kHz
78.5
%
RL = 8 Ω + 33 µH, fin = 1 kHz, VBAT
= 4.2 V
82.5
%
RL = 4 Ω + 33 µH, fin = 1 kHz, VBAT
= 4.2 V
84.2
%
System efficiency at POUT =0.5 W
RL = 8 Ω + 33 µH, fin = 1 kHz
76.6
%
RL = 4 Ω + 33 µH, fin = 1 kHz
81.1
%
RL = 8 Ω + 33 µH, fin = 1 kHz, VBAT
= 4.2 V
84.2
%
RL = 4 Ω + 33 µH, fin = 1 kHz, VBAT
= 4.2 V
81.6
%
System efficiency at 0.1% THD+N
power level
RL = 32 Ω + 33 µH, POUT = TBD W,
fin = 1 kHz,
78.8
%
RL = 8 Ω + 33 µH, POUT = TBD W, fin
= 1 kHz,
80
%
RL = 4 Ω + 33 µH, POUT = TBD W, fin
= 1 kHz
76.2
%
THD+N
Total harmonic distortion + noise
POUT = 0.25 W, RL = 32Ω + 33 µH, fin
= 1 kHz
0.01
%
POUT = 1 W, RL = 8 Ω + 33 µH, fin =
1 kHz
0.01
%
POUT = 1 W, RL = 4 Ω + 33 µH, fin =
1 kHz
0.01
%
VN
Idle channel noise
A-Weighted, 20 Hz - 20 kHz, DAC
Modulator Running
14.8
µV
FPWM
Class-D PWM switching frequency
Average frequency in Spread
Spectrum Mode, CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode,
CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode,
CLASSD_SYNC=1, fs = 44.1, 88.2,
174.6 kHz
352.8
kHz
Fixed Frequency Mode,
CLASSD_SYNC=1, fs = 48, 96, 192
kHz
384
kHz
VOS
Output offset voltage
-1
1
mV
DNR
Dynamic range
A-Weighted, -60 dBFS Method
109
dB
SNR
Signal to noise ratio
A-Weighted, Referenced to 1 % THD
+N Output Level
112.5
dB
KCP
Click and pop performance
Into and out of Mute, Shutdown,
Power Up, Power Down and audio
clocks starting and stopping.
Measured with APx Plugin.
3.4
mV
Programmable output level range
8
18
dBV
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com